Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 20Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 21Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 22Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 23Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 24Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 25Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 26Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 27Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
115 mm
12 mm
10,5 mm
67 g
Semi flush cut, Tungsten Carbide blades,
anti-glare finish, ESD safe
Side cutter with Tungsten Carbide blades for constant quality cuts.
Resistant to small stainless steel wires. Ask for special application.
595T
6,5 mm
ask for
cutting
capability*
110 mm
9 mm
9 mm
ø
1,0 mm
48 g
Flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Miniature side cutter. Small tapered head allows very
good access. Economical line.
622NA
6 mm
110 mm
9 mm
9 mm
ø
1,0 mm
48 g
677E
6 mm
Flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Miniature side cutter. Small tapered head allows very
good access.
120 mm
15 mm
13,5 mm
ø
1,8 mm
85 g
Semi flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter for large wires. Economical line.
812N
7,5 mm
120 mm
15 mm
13,5 mm
ø
1,8 mm
85 g
Semi flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter for hard leads, Kovar wires, connector pins, etc.
896E
7,5 mm
120 mm
15 mm
13,5 mm
ø
1,8 mm
85 g
822N
7,5 mm
Flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter for large wires. Economical line.
Oval Head
SIDE CUTTERS
24
Length 120 mm
Tapered Head
Length 110 mm
Tapered Head
Main application:
cutting applications where
easy access is required.
Length 115 mm
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
* Please provide wire sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com