Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 27Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 28Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 29Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 30Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 31Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 32Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 33Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 34Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
120 mm 21 mm 10,5 mm
ø
1,2 mm
68 g
<) 40°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter. Strong version.
555E
6 mm
6,5 mm
115 mm 18 mm 10,5 mm
ø
0,6 mm
68 g
<) 40°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter. Medium size. Relieved jaws for easier access.
572E
6,5 mm 6,5 mm
115 mm 20 mm 10,5 mm
ø
1,0 mm
68 g
<) 50°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter. Cuts easily DIL leads from the rear. Cuts pins on
dense PCB. Ideal maintenance tool.
593AE
6,5 mm
4 mm
115 mm 19 mm 10,5 mm
ø
1,0 mm
68 g
<) 45°, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter medium size. A must when working on PCB’s,
cutting component leads. Also ideal for rework.
582E
6,5 mm
7 mm
115 mm 19 mm 10,5 mm
ø
1,0 mm
70 g
582EW
6,5 mm
7 mm
<) 45°, flush cut, high grade tool steel, anti-glare
finish, ESD safe, resharpenable, retention clip
Same as 582E but with retention clip, holds wire scraps
after cutting.
31
Angled Head Small
TIP CUTTERS
Length 115 mm
Length 120 mm
Model
L
A
B
C
D
Max. Cu
Weight
Description
Model
L
A
B
C
D
Max. Cu
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com