Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 12Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 13Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 14Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 15Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 16Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 17Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 18Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 19Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
EXTRACTION TWEEZERS
Extraction Tweezers
Main application:
to extract connected wires
from the rear of the
connectors.
120 mm 1,75
mm
2,15
mm
1,9
mm
2,15
mm
8 mm
8 mm
120 mm
20 g
20 g
024C
028
Stainless steel
Extraction tweezers for Sub-D types. For ITT-Canon / TRW CET
20D, Honda connectors, Siemens, Philips, Souriau-Framatome, etc.
Stainless steel
Same as 024C but with thinner nozzle wall for wires with larger
insulations.
Extraction Tweezers
Model Length Ø A Ø B
C
Weight
Description
= Outside Ø
= Inside Ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com