Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 43Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 44Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 45Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 46Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 47Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 48Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 49Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 50Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
47
Pre-Forming Tools
PRE-FORMING TOOLS
For Active Components
500154A
500154AI
120 mm
max.
13 mm
4,5-9,5 mm
90 g
5 leads, high grade tool steel, anti-glare finish, ESD safe
High precision preforming tool for 5 leads.. Bends TO 126, 218, 220,
power transistor leads, etc. at 90° in two rows. Adjustable (M) with
screw.
2,54 mm
120 mm
max.
13 mm
4,5-9,5 mm
90 g
5 leads, high grade tool steel, anti-glare finish, ESD safe,
opposite leads backwards
High precision preforming tool for 5 leads.. Bends TO 126, 218, 220,
power transistor leads, etc. at 90° in two rows. Adjustable (M) with
screw. Opposite leads backwards.
2,54 mm
120 mm
max.
13 mm
17 mm
2,8 mm
100 g
High grade tool steel, anti-glare finish, ESD safe
High precision preforming tool. For flat packs, quads, etc.
No friction effect. Designed after MIL specs. Cuts + bends.
80013C
Model
L
K
M
I
Weight
Description
For Flat Packs, Quads
Model
L
A
K
M
Weight
Description
120 mm
25 mm
0,9 mm
98 g
809IC
High grade tool steel, anti-glare finish, ESD safe
High precision preforming tool. Cuts and bends DIL pins to a 90° angle
in one operation. For up to 20 pin IC. Allows DIL-ICs to go SMT.
Model
L
E
F
Weight
Description
For DIL / IC
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com