Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 33Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 34Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 35Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 36Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 37Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 38Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 39Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 40Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
120 mm 23 mm
9 mm
1,4 mm
67 g
High grade tool steel, anti-glare finish, ESD safe
Flat nose pliers with smooth jaws.
542E
6,5 mm 2,4 mm
125 mm 23 mm
9 mm
3 mm
67 g
High grade tool steel/Nylon, anti-glare finish,
ESD safe
Flat nose pliers with replaceable Nylon inserts to prevent
nicking e.g. for straightening precious metal, leads, etc.
531E
6,5 mm
5 mm
120 mm 23 mm
9 mm
1,2 mm
67 g
547
6,5 mm 0,9 mm
High grade tool steel, anti-glare finish, ESD safe
Needle nose pliers with smooth jaws, very precise.
120 mm 23 mm
9 mm
1,6 mm
67 g
543E
6,5 mm 0,8 mm
High grade tool steel, anti-glare finish, ESD safe
Round nose pliers with smooth jaws, very precise.
37
PLIERS
Pliers
Round Nose
Needle Nose
Flat Nose
Model
L
A
B
C
E ø
G
Weight
Description
Pliers
Erem offer a range of pliers with
standard and ergonomic handles.
Model
L
A
B
C
E
G
Weight
Description
Model
L
A
B
C
E
G
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com