Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 32Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 33Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 34Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 35Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 36Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 37Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 38Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 39Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
The Erem protective stop
screw increases the performance of the tip cutters:
Clearance B larger than the diameter = cut wire is ejected
Clearance B smaller than the wire diameter = cut wire is held
Adjust the protective stop screw D to set blade C does not hit the opposite side.
This improves the Lifetime of the blade.
120 mm 20 mm
ø
1,2 mm
70 g
Flush cut, high grade tool steel, polished tips, ESD safe
Distance cutter with adjustable cutting length from 1,2 mm to 6 mm
with setting screw.
530E15A
4,5 mm
115 mm 23 mm
ø
0,8 mm
70 g
573EB
0-5 mm
3,5 mm
Flush cut, Plastic anvil. High grade tool steel, polished tips,
ESD safe
Distance cutter with adjustable cutting length from 0 mm to 5 mm
with setting screw. Replaceable synthetic stop, no risk of board
damage.
1,2 - 6
mm
Flush cut, high grade tool steel, polished tips, ESD safe
Distance cutter. Cuts the lead to a predetermined length of 1,5 mm.
Length from 0,5 mm to 2,5 mm on request, see price list. Reduces
mechanical shock on components. With adjustable screw for possi-
ble wire holding.
530E
115 mm 20 mm
ø
1,0 mm
67 g
45°, flush cut, high grade tool steel, polished tips, ESD safe
Distance cutter. Cuts the lead to a predetermined length of 1,5 mm.
Lenght from 0,5 mm to 2,5 mm on request, see price list. Reduces
mechanical shock on components.
549E
3 mm
blade
4,5 mm
120 mm 20 mm
ø
0,8 mm
67 g
Flush cut, high grade tool steel, polished tips, ESD safe
Distance cutter. Cuts the lead to a predetermined length of 1,5 mm.
Reduces mechanical shock on components.
500-108
3 mm
110 mm 10 mm
ø
1,0 mm
65 g
530S
4 mm
20 mm
30°, flush cut, high grade tool steel, polished tips,
ESD safe
Distance cutter. Cuts and flattens leads to prevent component from
fallen off the circuit board. Predetermined length of 1,5 mm.
Length from 0,5 mm to 2,5 mm on request.
120 mm
ø
1,0 mm
67 g
3 mm
Distance Cutters
DISTANCE CUTTERS
Model
L
A
E
Max. Cu Weight Description
Model
L
A
F
E
Max. Cu Weight Description
36
Fixed Cutting Height
Adjustable Cutting Height
D
B
C
Distance Cutters
Erem distance cutters are available with fixed or adjustable
cutting distance. The tips are brightly polished to avoid
board damage
E
1,5 mm
(Standard)
1,5 mm
1,5 mm
(Standard)
F
1,5 mm
(Standard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com