Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 21Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 22Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 23Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 24Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 25Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 26Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 27Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 28Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
115 mm
9 mm
10,5 mm
ø
1,2 mm
67 g
Flush, high grade tool steel, anti-glare finish, ESD
safe, resharpenable
Side cutter for universal use. Medium size.
595E
6,5 mm
115 mm
9 mm
10,5 mm
ø
1,2 mm
67 g
Flush, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Side cutter for universal use. Medium size.
577E
6,5 mm
110 mm
9 mm
9 mm
ø
0,8 mm
48 g
662NB
6 mm
Flush, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Miniature side cutter. Super fine relieved head allows
very good access. Economical line.
120 mm
15 mm
13,5 mm
ø
1,8 mm
83 g
886E
7,5 mm
Flush, high grade tool steel, anti-glare finish,
ESD safe, resharpenable
Side cutter for large wires.
Length 120 mm
Length 110 mm
25
Tapered Head
Relieved Head
SIDE CUTTERS
Length 115 mm
Relieved Head
Main application:
cutting applications
in confined areas.
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
Model
L
A
B
C
Max. Cu
Weight
Description
595TF
ask for
cutting
capability*
115 mm
12 mm
10,5 mm
67 g
Flush cut, Tungsten Carbide blades, anti-glare finish,
ESD safe
Side cutter with Tungsten Carbide blades for constant quality
cuts. Resistant to small stainless steel wires.
6,5 mm
* Please provide wire sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com