Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 39Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 40Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 41Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 42Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 43Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 44Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 45Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 46Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
120
mm
23
mm
6,5
mm
9
mm
80 g
552E
1
mm
11
mm
0,06 -
0,25
mm
(AWG
42-30)
High grade tool steel, anti-glare finish, ESD safe,
high precision
Front stripping tool. Unique high precision tool. Strips one
size at a time without scratching the cores. For all kind of
insulation,
PTFE,, Tefzel, fibre optics or stranded wires.
Diameter adjustable with screw plus stop screw.
Replaceable cutting blades. Supplied with screwdriver
and hex key.
120
mm
21
mm
6,5
mm
9
mm
80 g
552S
6,7
mm
11
mm
0,06 -
0,25
mm
(AWG
42-30)
120
mm
22
mm
3
mm
5
mm
67 g
502E30
6,3
mm
2,4
mm
0,25
mm
(AWG
30)
High grade tool steel, anti-glare finish, ESD safe,
high precision
Side stripping tool. Unique high precision tool. Strips one
size at a time without scratching the cores. For all kind of
insulation,
PTFE,, Tefzel, fibre optics or stranded wires.
Diameter adjustable with screw plus screw stop.
Replaceable cutting blades. Supplied with screwdriver
and hex key.
High grade tool steel, anti-glare finish, ESD safe
Combination side stripping tool. Fine replaceable cutting
blades. Strips resistant insulations such as
PTFE,, Tefzel,
glass reinforced Fluoropolymere. This tool combines strip-
ping, cutting and bending/gripping. For one specific wire
diameter, AWG 30 (0,25 mm). Other diameters on request.
120
mm
10
mm
0,25 - 1,3 mm
(AWG 30-16)
75 g
520E
11
mm
High grade tool steel, anti-glare finish, ESD safe,
high precision
Strips one or several wires simultaneously.
Particularly designed for mini or standard wire-wrapping
work. Diameter adjustable with screw plus blocking nut.
43
Stripping Tools
STRIPPING TOOLS
Model
L
A
E
F
G
H
Weight
Wire ø
Description
Model
L
A
E
F
G
H
Weight
Wire ø
Description
Side Stripping
Special Stripping
Model
L
A
D
Wire ø
Weight
Description
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com