Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 28Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 29Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 30Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 31Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 32Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 33Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 34Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 35Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
120 mm 22 mm
9 mm
ø
0,6 mm
67 g
570E
6,5 mm
4 mm
Flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter for horizontal or vertical tip cutting.
For cutting at extreme tips.
110 mm 10,5mm 9 mm
ø
0,6 mm
ø
0,25 mm
48 g
Horizontal, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Miniature tip cutter. For cutting small wires in dense
working areas. Vertical SMD cutter.
670E
6 mm
3 mm
110 mm 10 mm
9 mm
48 g
670EP
6 mm
2 mm
Vertical tip cutter, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Miniature tip cutter. High precision SMD lead cutting.
Micro-packages up to 0,25 fine pitches before desoldering.
No breakage guarantee.
For µ-pitches under 0,5 mm use 670 EPF
Straight Tapered Head
TIP CUTTERS
32
Length 110 mm
Length 120 mm
Straight Tapered Head
Main applications:
for horizontal use and easier access.
Model
L
A
B
C
D
Max. Cu Weight
Description
Model
L
A
B
C
D
Max. Cu
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com