Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 11Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 12Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 13Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 14Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 15Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 16Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 17Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 18Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
120 mm
22 g
29Y
120 mm
28 g
29W30
Stainless steel, anti-glare finish
Miniature stripping tweezers. Serrated grips. Will strip tiny
wires between AWG 42 and 32 (0,06 to 0,20 mm).
Wire samples required.
S
tainless steel/fibre handles, anti-glare finish,
reverse action
Stripping tweezers with fibre-grip handles. For standard or
PTFE,
wires between AWG 30 and 28 (0,25 mm – 0,3 mm).
Reverse action.
Anti-glare finish
Cutting tweezers with fine oblique head and induction hardened
cutting blades for increasing life time. For soft wires up to Ø 0,25 mm.
Anti-glare finish
Cutting tweezers with oblique head. Induction hardened cutting blades
improves cutting capability and life time. For soft wires up to Ø 0,25 mm.
115 mm
115 mm
21 g
26 g
15AGS
15AGW
15
CUTTING, STRIPPING TWEEZERS
Model
Length
Weight
Description
Model
Length
Weight
Description
Cutting Tweezers
Cutting Tweezers
Main application:
e.g. for cutting soft wires
on micro electronics circuits,
very precise.
Stripping Tweezers
Stripping Tweezers
Main application:
for stripping small wires,
standard or
PTFE, insultati-
ons, very precise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com