Electronic Components Datasheet Search
  English  ▼

X  

91SA Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 47Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 48Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 49Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 50Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 52Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 53Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 54Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
51
KITS
Kits
Kits
Erem kits offer a range of popular tweezers, cutters
and pliers in different combinations.
230 mm
30 mm
350 g
130 mm
3900KC
Black plastic case, cushioned, ESD safe, consists of:
Tweezers
51SA Precision tweezers 115 mm, bent 30° , relieved. Very fine tips.
Stainless steel, anti-glare finish, non-magnetic.
102ACA SMD tweezers 115 mm, with angled head and blunted edges to
avoid board damaging. For handling of small components. Special stainless
steel, anti-glare finish, non-magnetic.
103ACA SMD tweezers 115 mm, with angled head 45° and blunted edges
to avoid board damaging. For horizontal handling of small components.
Special stainless steel, anti-glare finish, non-magnetic.
150SAMB SMD tweezers 120 mm, bent 40°, serrated handles. For gripping
small cylindrical parts ø 1,2 - 2,5 mm, special stainless steel, anti-glare
finish, non-magnetic.
150SAMF SMD tweezers 120 mm, straight, serrated handles. For gripping
small cylindrical parts ø 1,2 – 2,5 mm, special stainless steel, anti-glare
finish, non-magnetic.
Cutters
670EP High precision tip cutter 110 mm. For cutting leads of SMD micro
packages up to 0,25 mm or fine pitch components less than 1/20”.
Flush cut, high grade tool steel, anti-glare finish, ESD safe.
Width
Thickness
Weight
Description
Model
L
Kit for SMD Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com