Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 119 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 119 Page - ams AG

Back Button AS3911 Datasheet HTML 115Page - ams AG AS3911 Datasheet HTML 116Page - ams AG AS3911 Datasheet HTML 117Page - ams AG AS3911 Datasheet HTML 118Page - ams AG AS3911 Datasheet HTML 119Page - ams AG AS3911 Datasheet HTML 120Page - ams AG AS3911 Datasheet HTML 121Page - ams AG AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 119
Appl icatio n I n f o rm a t i o n
5.
When all the data is transmitted an interrupt is sent to
inform the microcontroller that the transmission is
finished (IRQ due to end of transmission)
After the transmission is executed, the AS3911 receiver
automatically starts to observe the RFI inputs to detect a
transponder response. The RSSI and AGC (in case it is enabled)
are started. The framing block processes the sub-carrier signal
from receiver and fills the FIFO with data. When the reception
is finished and all the data is in the FIFO an interrupt is sent to
the microcontroller (IRQ due to end of receive), additionally the
FIFO Status Register 1 and FIFO Status Register 2 display the
number of bytes in the FIFO so the microcontroller can
proceeded with downloading the data.
In case there was an error or bit collision detected during
reception, an interrupt with appropriate flag is sent.
Microcontroller has to take appropriate action.
Transmit and Receive in case data packet is longer than FIFO:
In case a data packet is longer than FIFO the sequence explained
above is modified.
Before transmit the FIFO is filled. During transmit an interrupt
is sent when remaining number of bytes is lower than the water
level (IRQ due to FIFO water level). The microcontroller in turn
adds more data in the FIFO. When all the data is transmitted an
interrupt is sent to inform the microcontroller that transmission
is finished.
During reception situation is similar. In case the FIFO is loaded
with more data than the receive water level, an interrupt is sent
and the microcontroller in turn reads the data from the FIFO.
When reception is finished an interrupt is sent to the
microcontroller (IRQ due to end of receive), additionally the
FIFO Status Register 1 and FIFO Status Register 2 display the
number of bytes in the FIFO which are still to be read out.
Anticollision – ISO 14443A
Note(s): For this section, it is assumed that there are more than
one ISO/IEC 14443A PICC in the reader’s RF field and all are
compatible to ISO/IEC 14443 up to level 4.
This section highlights on a procedure of performing
anticollision with AS3911 for ISO14443A tags. After an
ISO14443 type A tag enters in the reader field, the reader has
to perform a selection process which brings it into the
PROTOCOL state in which the actual application implemented
in the tag can be executed. This selection process is described
in the ISO/IEC 14443-3. The Figure 115 depicts the states which
a tag and a reader have to pass through to enter the protocol
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com