Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 123 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 123 Page - ams AG

Back Button AS3911 Datasheet HTML 119Page - ams AG AS3911 Datasheet HTML 120Page - ams AG AS3911 Datasheet HTML 121Page - ams AG AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG AS3911 Datasheet HTML 125Page - ams AG AS3911 Datasheet HTML 126Page - ams AG AS3911 Datasheet HTML 127Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 123
Appl icatio n I n f o rm a t i o n
ANTICOLLISION Procedure
After receiving the ATQA from the tags in the field, the next step
is to execute the anticollision procedure to singulate the tags.
the procedure mainly uses the ANTICOLLISION and SELECT
commands which consist of:
• Select code SEL (1byte)
• Number of valid bits NVB (1 byte)
• 0 to 40 data bits of UID CLn according to the value of NVB
The anticollision command uses standard frame which do not
use CRC. In this case the transmit needs to be done with direct
command Transmit Without CRC and for the receive, the
no_CRC_rx bit in the Auxiliary Definition Register must be set
to 1. The final SELECT command and its response SAK contains
a CRC, so the transmit needs to be done with command Transmit
With CRC and before sending this command the configuration
bit no_CRC_rx bit in the Auxiliary Definition Register must be
set back to 0.
If there are more than one PICC in the field, the collision will
occur when the tags reply to the SEL command during
anticollision when the PICC reply back with their UID. This
collision can occur after a complete byte (called as FULL BYTE
scenario) or it can occur within a byte (called as SPLIT BYTE
scenario). The antcl bit in ISO14443A and NFC 106kb/s Settings
Register must be set during this procedure too. As a result,
AS3911 will not trigger a Framing Error. This bit is also
responsible for correct timing of anticollision and correct parity
extraction.
Note(s): It must only be set before sending an anticollision
frame, REQA or WUPA. This bit must not be used in any other
commands.
The Figure 117 depicts the flowchart on how to implement the
anticollision with AS3911.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com