Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 126 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 126 Page - ams AG

Back Button AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG AS3911 Datasheet HTML 125Page - ams AG AS3911 Datasheet HTML 126Page - ams AG AS3911 Datasheet HTML 127Page - ams AG AS3911 Datasheet HTML 128Page - ams AG AS3911 Datasheet HTML 129Page - ams AG AS3911 Datasheet HTML 130Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 149 page
background image
AS3911 – 126
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
NFCIP-1 Passive Communication Initiator
NFCIP-1 passive communication is equivalent to reader (PCD)
to tag (PICC) communication where initiator acts as a reader
and target acts as tag. The only difference is that in case of the
NFCIP-1 passive communication the initiator performs Initial RF
Collision Avoidance procedure at the beginning of
communication.
In order to act as NFCIP-1 passive communication initiator the
AS3911 has to be configured according to table below:
Figure 119:
Operation Mode and Bit Rate Setting for NFCIP-1 Passive Communication
Initial set-up of the Operation Control Register before the start
of communication is the same as in case of reader to tag
communication, with the exception that the transmitter is not
enabled by setting the tx_en bit. The direct command NFC Initial
Field ON is sent instead.
This command first performs the Initial RF Collision avoidance
with Collision Avoidance Threshold defined in the External Field
Detector Threshold Register. The timing of collision avoidance
is according to NFCIP-1 standard (for timing details see
Figure 37). In case collision is not detected the tx_en bit is
automatically set to switch the transmitter on. After minimum
guard time TIRFG the I_cat IRQ is sent to inform controller that
the first initiator command can be send.
From this point on communication is the same as in case of
ISO14443A (for 106 kb/s) or FeliCa (for 242 and 424 kb/s) reader
communication.
In case a presence of external field is detected an I_cac IRQ is
sent. In such case a transmission should not be performed,
command NFC Initial Field ON has to be repeated as long as
collision is not detected any more.
Initial collision avoidance is not limited to modes supported by
NFCIP-1. The initial collision avoidance according to procedure
described above can be performed before any reader mode is
started to avoid collision with an HF reader or an NFC device
operating in proximity.
Support of NFCIP-1Transport Frame Format
Figure 120 depicts the Transport Frame according to NFCIP-1
standard.
NFCIP-1 Bit Rate
[kb/s]
Operation
Mode Setting
Bit Rate for
Tx
[kb/s]
Bit Rate for Rx
[kb/s]
Comment
106
ISO14443A
fc/128 (~106)
fc/128 (~106)
212
FeliCa
fc/64 (~212)
x
In FeliCa mode data
rate is the same in
both directions
424
FeliCa
fc/32 (~424)
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com