Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 124 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 124 Page - ams AG

Back Button AS3911 Datasheet HTML 120Page - ams AG AS3911 Datasheet HTML 121Page - ams AG AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG AS3911 Datasheet HTML 125Page - ams AG AS3911 Datasheet HTML 126Page - ams AG AS3911 Datasheet HTML 127Page - ams AG AS3911 Datasheet HTML 128Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 149 page
background image
AS3911 – 124
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Figure 117:
Flowchart for ISO14443A Anticollision with AS3911
1) Fill fifo with
SELn + NVB (0x20)
2)Set Register:
Number of transmitted bytes
register 1 = 0x00
Number of transmitted bytes
register 2 = 0x10
1) Send Command:
Transmit without CRC
2) Following interrupts:
I_dct
I_txe
I_col (if collision occurs)
I_rxs
I_rxe
FIFO is filled in with PICC response
I_col ?
1) Read Collision Display
Register to identify how
much is the valid data
before the collison
occured,
2) Read FIFO for the
response from PICC
Yes
Read out FIFO for the valid
data from the selected PICC
1) Fill FIFO with part 1 of bit
collision anticollision:
SELn + NVB (available from
valid tag response) +
received valid data +1 or 0
for the bit where the collision
occured
2) Set Register:
Mention the number of
received full bytes and split
bits + 1 bit in:
Number of transmitted bytes
register 1 &
Number of full bytes
Number of transmitted bytes
register 2
FIFO is filled in with PICC response
No
Set:
no_CRC_rx = 0,
antcl = 0
PICC sends complete UID
Cascade level n
(n =1)
Send SELECT:
Fill FIFO with
SELn + NVB(0x70) + UID CLn
1) Send Command:
Transmit with CRC
2) Following interrupts:
I_dct
I_txe
I_rxe
FIFO is filled with SAK
UID complete?
End Anticollision with
RATS
Enter Cascade Level n+1
No
Yes
SELn=0x93 for n=1 for 4 bytes UID
SELn=0x95 for n=2 for 7 bytes UID
SELn=0x97 for n=3 for 10 bytes UID
Set:
no_CRC_rx = 1,
antcl = 1
NOTE: Since SPI is byte oriented, in
case of SPLIT BYTE scenario, the invalid
MSB bits must be ignored when
reading out the FIFO for the received
data. Similarly, 0s must be
concatenated As MSB bits to complete
a byte for the Transmit (which will then
be ignored based on register 0x1E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com