Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 121 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 121 Page - ams AG

Back Button AS3911 Datasheet HTML 117Page - ams AG AS3911 Datasheet HTML 118Page - ams AG AS3911 Datasheet HTML 119Page - ams AG AS3911 Datasheet HTML 120Page - ams AG AS3911 Datasheet HTML 121Page - ams AG AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG AS3911 Datasheet HTML 125Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 149 page
background image
ams Datasheet, Confidential: 2013-Oct [2-03]
AS3911 – 121
Appl icatio n I n f o rm a t i o n
3.
Set the antcl bit in the ISO14443A and NFC 106kb/s
Settings Register. This needs to be set before sending
the REQA (or WUPA). As a result of setting this bit, the
AS3911 will not trigger a framing error if in case the
collision occurs in the ATQA or during anticollision
procedure.
Note(s): This bit must be set to one for REQA, WUPA and
ANTOCOLLISION commands, for other commands it has to be
zero)
4.
Review and set the value for Mask Receive Timer
Register less than the Frame delay time as required by
the ISO14443A. And set the No-response Timer Register
1&No-response Timer Register 2 according to the
requirements. This is typically larger than the FDT.
Note(s): AS3911 offers the resolution of n/2 (64/fc - half steps)
compared to n (128/fc) as mentioned in 14443A so that the
receiver can be unmasked n/2 step before the actual
transmission from the PICC). According to ISO 14443A the FDT
must be 1236/fc if last transmitter bit if 1 or 1172/fc if last
transmitter bit is 0. As a simple rule one can follow the following.
Figure 116:
Selection of MRT & NRT for a given FDT
5.
The receiver and transmitter operation options related
to operation mode have to be defined. This is done
automatically by sending the direct command Analog
Preset. If different options are required apart from those
defined by Analog Preset, then such options must be
additionally set by writing the appropriate registers.
6.
Set rx_en and tx_en in the Operation Control Register.
RFID protocols usually require that the reader field is
turned on for a while before sending the first command
(5 ms for ISO14443). General purpose timer can be used
to count this time.
PCD to PICC
FDT
MRT < FDT – 64/fc
NRE > FDT + 64/fc
t
PICC to PCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com