Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 120 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 120 Page - ams AG

Back Button AS3911 Datasheet HTML 116Page - ams AG AS3911 Datasheet HTML 117Page - ams AG AS3911 Datasheet HTML 118Page - ams AG AS3911 Datasheet HTML 119Page - ams AG AS3911 Datasheet HTML 120Page - ams AG AS3911 Datasheet HTML 121Page - ams AG AS3911 Datasheet HTML 122Page - ams AG AS3911 Datasheet HTML 123Page - ams AG AS3911 Datasheet HTML 124Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 149 page
background image
AS3911 – 120
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
Figure 115:
ISO14443A States for PCD and PICC
The selection procedure starts when a PICC enters the reader
field and the PCD sends a REQA (or WUPA) command followed
by an Anticollision procedure (incl. SELECT, RATS and PPS).
Setting up AS3911 for ISO 14443A Anticollision
To setup the AS3911 for the ISO14443A anticollision following
steps are to be followed:
1.
The Initiator operation mode of AS3911 must be setup
for ISO 14443A in the Mode Definition Register (default
is already for ISO14443A).
2.
The Tx and Rx bit rates must be set up to default 106kbps
in the Bit Rate Definition Register.
PICC States
Power off
(No Field)
Idle
(Field ON)
Ready
REQA, WUPA
Active
Select
RATS
ISO 14443-4
Standby
PCD States
Poll for PICC with
REQA
Receive ATQA
Perform bit frame
Anticollision loop
Check for SAK
Increase Cascade
level
UID not
complete
ISO 14443-4
UID complete &
PICC compliant to ISO 14443-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com