Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 26Page - Analog Devices ADSP-TS101S Datasheet HTML 27Page - Analog Devices ADSP-TS101S Datasheet HTML 28Page - Analog Devices ADSP-TS101S Datasheet HTML 29Page - Analog Devices ADSP-TS101S Datasheet HTML 30Page - Analog Devices ADSP-TS101S Datasheet HTML 31Page - Analog Devices ADSP-TS101S Datasheet HTML 32Page - Analog Devices ADSP-TS101S Datasheet HTML 33Page - Analog Devices ADSP-TS101S Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Rev. C
|
Page 30 of 48
|
May 2009
ADSP-TS101S
Table 30. Link Ports—Receive
Parameter
Min
Max
Unit
Timing Requirements
tLXCLK_RX
1, 2
Receive Link Clock Period
0.9 LR tCCLK
1.1 LR tCCLK
ns
tLXCLKH_RX
3
Receive Link Clock Width High
0.33 tLXCLK_RX
0.66 tLXCLK_RX
ns
tLXCLKH_RX
4
Receive Link Clock Width High
0.4 tLXCLK_RX
0.6 tLXCLK_RX
ns
tLXCLKL_RX
3
Receive Link Clock Width Low
0.33 tLXCLK_RX
0.66 tLXCLK_RX
ns
tLXCLKL_RX
4
Receive Link Clock Width Low
0.4 tLXCLK_RX
0.6 tLXCLK_RX
ns
tDIS
LxDAT7–0 Input Setup
0.6
ns
tDIH
LxDAT7–0 Input Hold
0.6
ns
Switching Characteristics
tCONNV
Connectivity Pulse Valid
0
2.5 tLXCLK_RX
ns
tCONNOW
Connectivity Pulse Output Width
1.5 tLXCLK_RX
ns
1 The link clock ratio (LR) is 2, 3, 4, or 8 as set by the SPD bits in the LCTLx register.
2 The maximum LxCLK is 125 MHz. LR = 2 may not be used when CCLK  250 MHz.
3 The formula for this parameter applies when LR is 2.
4 The formula for this parameter applies when LR is 3, 4, or 8.
Figure 18. Link Ports—Receive
LxCLKIN
LxCLKOUT
LxDAT7–0
LxDIR
1
2
3
4
5
6
7
8
0
9
10
11
12
13
14
15
tLxCLK_Rx
tCONNV
tLxCLKH_Rx
tLxCLKL_Rx
tCONNOW
tDIS
tDIH
tDIS
tDIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com