Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 44 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 44 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 40Page - Analog Devices ADSP-TS101S Datasheet HTML 41Page - Analog Devices ADSP-TS101S Datasheet HTML 42Page - Analog Devices ADSP-TS101S Datasheet HTML 43Page - Analog Devices ADSP-TS101S Datasheet HTML 44Page - Analog Devices ADSP-TS101S Datasheet HTML 45Page - Analog Devices ADSP-TS101S Datasheet HTML 46Page - Analog Devices ADSP-TS101S Datasheet HTML 47Page - Analog Devices ADSP-TS101S Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Rev. C
|
Page 44 of 48
|
May 2009
ADSP-TS101S
SURFACE-MOUNT DESIGN
The following table is provided as an aide to PCB design.
For industry-standard design recommendations, refer to
IPC-7351, Generic Requirements for Surface-Mount Design
and Land Pattern Standard.
Figure 44. 625-Ball PBGA (B-625)
1.00
BSC
SQ
BALL
PITCH
0.70
0.60
0.50
BALL DIAMETER
24.20
24.00
23.80
2.50 MAX
DETAIL A
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. THE ACTUAL POSITION OF THE BALL GRID IS WITHIN 0.25 mm OF ITS
IDEAL POSITION RELATIVE TO THE PACKAGE EDGES.
3. CENTER DIMENSIONS ARE NOMINAL.
4. THIS PACKAGE COMPLIES WITH THE JEDEC MS-034 SPECIFICATION,
BUT USES TIGHTER TOLERANCES THAN THE MAXIMUMS ALLOWED IN
THAT SPECIFICATION.
SEATING PLANE
1.25 MAX
0.20 MAX
DETAIL A
0.65
0.55
0.45
0.40 MIN
27.20
27.00 SQ
26.80
7
95
3
1
11
13
15
17
21 19
23
25
6
8
10
12
14
16
18
20
24 22
42
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
Y
W
V
U
T
AE
AD
AC
AB
AA
24.00
BSC
SQ
24.20
24.00
23.80
27.20
27.00
26.80
27.20
27.00
26.80
TOP VIEW
BOTTOM VIEW
1.50
BSC
SQ
1.50
BSC
SQ
Package
Ball Attach Type
Solder Mask Opening
Ball Pad Size
625-ball (27 mm) PBGA
Solder Mask Defined (SMD)
0.45 mm diameter
0.60 mm diameter
484-ball (19 mm) PBGA
Solder Mask Defined (SMD)
0.40 mm diameter
0.53 mm diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com