Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 29 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 29 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 25Page - Analog Devices ADSP-TS101S Datasheet HTML 26Page - Analog Devices ADSP-TS101S Datasheet HTML 27Page - Analog Devices ADSP-TS101S Datasheet HTML 28Page - Analog Devices ADSP-TS101S Datasheet HTML 29Page - Analog Devices ADSP-TS101S Datasheet HTML 30Page - Analog Devices ADSP-TS101S Datasheet HTML 31Page - Analog Devices ADSP-TS101S Datasheet HTML 32Page - Analog Devices ADSP-TS101S Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 29 of 48
|
May 2009
Link Ports Data Transfer and Token Switch Timing
Table 31, Table 32, Table 33, and Table 34 with Figure 17,
Figure 18, Figure 19, and Figure 20 provide the timing specifica-
tions for the link ports data transfer and token switch.
Table 29. Link Ports—Transmit
Parameter
Min
Max
Unit
Timing Requirements
tCONNS
1
Connectivity Pulse Setup
2 tCCLK + 3.5
ns
tCONNS
2
Connectivity Pulse Setup
8
ns
tCONNIW
3
Connectivity Pulse Input Width
tLXCLK_TX + 1
ns
tACKS
Acknowledge Setup
0.5 tLXCLK_TX
ns
Switching Characteristics
tLXCLK_TX
4
Transmit Link Clock Period
0.9 LR tCCLK
1.1 LR tCCLK
ns
tLXCLKH_TX
1
Transmit Link Clock Width High
0.33 tLXCLK_TX
0.66 tLXCLK_TX
ns
tLXCLKH_TX
2
Transmit Link Clock Width High
0.4 tLXCLK_TX
0.6 tLXCLK_TX
ns
tLXCLKL_TX
1
Transmit Link Clock Width Low
0.33 tLXCLK_TX
0.66 tLXCLK_TX
ns
tLXCLKL_TX
2
Transmit Link Clock Width Low
0.4 tLXCLK_TX
0.6 tLXCLK_TX
ns
tDIRS
LxDIR Transmit Setup
0.5 tLXCLK_TX
2 tLXCLK_TX
ns
tDIRH
LxDIR Transmit Hold
0.5 tLXCLK_TX
2 tLXCLK_TX
ns
tDOS
1
LxDAT7–0 Output Setup
0.25 tLXCLK_TX – 1
ns
tDOH
1
LxDAT7–0 Output Hold
0.25 tLXCLK_TX – 1
ns
tDOS
2
LxDAT7–0 Output Setup
Greater of 0.8 or 0.17 tLXCLK_TX – 1
ns
tDOH
2
LxDAT7–0 Output Hold
Greater of 0.8 or 0.17 tLXCLK_TX – 1
ns
tLDOE
LxDAT7–0 Output Enable
1
ns
tLDOD
5
LxDAT7–0 Output Disable
1
ns
1 The formula for this parameter applies when LR is 2.
2 The formula for this parameter applies when LR is 3, 4, or 8.
3 LxCLKIN shows the connectivity pulse with each of the three possible transitions to “Acknowledge.” After a connectivity pulse low minimum, LxCLKIN may [1] return high
and remain high for “Acknowledge,” [2] return high and subsequently go low (meeting t
ACKS) for “Not Acknowledge,” or [3] remain low for “Not Acknowledge.”
4 The Link clock Ratio (LR) is 2, 3, 4, or 8 as set by the SPD bits in the LCTLx register. The maximum LxCLK is 125 MHz. LR = 2 may not be used when CCLK  250 MHz.
5 This specification applies to the last data byte or the “Dummy” byte that follows the verification byte if enabled. For more information, see the ADSP-TS101 TigerSHARC
Processor Hardware Reference.
Figure 17. Link Ports—Transmit
LxCLKOUT
LxCLKIN
LxDIR
LxDAT7–0
1
2
3
4
0
5
6
7
8
9
10
11
12
13
14
15
tLxCLKL_Tx
tLxCLKH_Tx
tDIRS
tLxCLK_Tx
tCONNS
tDOS
tDOH
tDOS
tACKS
tDOH
tCONNIW
tDIRH
tLDOD
tLDOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com