Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 5Page - Analog Devices ADSP-TS101S Datasheet HTML 6Page - Analog Devices ADSP-TS101S Datasheet HTML 7Page - Analog Devices ADSP-TS101S Datasheet HTML 8Page - Analog Devices ADSP-TS101S Datasheet HTML 9Page - Analog Devices ADSP-TS101S Datasheet HTML 10Page - Analog Devices ADSP-TS101S Datasheet HTML 11Page - Analog Devices ADSP-TS101S Datasheet HTML 12Page - Analog Devices ADSP-TS101S Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 9 of 48
|
May 2009
LINK PORTS
The DSP’s four link ports provide additional 8-bit bidirectional
I/O capability. With the ability to operate at a double data rate—
latching data on both the rising and falling edges of the clock—
running at 125 MHz, each link port can support up to
250M bytes per second, for a combined maximum throughput
of 1G bytes per second.
The link ports provide an optional communications channel
that is useful in multiprocessor systems for implementing point-
to-point interprocessor communications. Applications can also
use the link ports for booting.
Each link port has its own double-buffered input and output
registers. The DSP’s core can write directly to a link port’s trans-
mit register and read from a receive register, or the DMA
controller can perform DMA transfers through eight (four
transmit and four receive) dedicated link port DMA channels.
Each link port has three signals that control its operation.
LxCLKOUT and LxCLKIN implement clock/acknowledge
handshaking. LxDIR indicates the direction of transfer and is
used only when buffering the LxDAT signals. An example appli-
cation would be using differential low-swing buffers for long
twisted-pair wires. LxDAT provides the 8-bit data bus
input/output.
Applications can program separate error detection mechanisms
for transmit and receive operations (applications can use the
checksum mechanism to implement consecutive link port
transfers), the size of data packets, and the speed at which bytes
are transmitted.
Under certain conditions, the link port receiver can initiate a
token switch to reverse the direction of transfer; the transmitter
becomes the receiver and vice versa.
TIMER AND GENERAL-PURPOSE I/O
The ADSP-TS101S has a timer pin (TMR0E) that generates out-
put when a programmed timer counter has expired. Also, the
DSP has four programmable general-purpose I/O pins
(FLAG3–0) that can function as either single-bit input or out-
put. As outputs, these pins can signal peripheral devices; as
inputs, they can provide the test for conditional branching.
RESET AND BOOTING
The ADSP-TS101S has two levels of reset (see reset specifica-
tions Page 24):
• Power-up reset—after power-up of the system, and strap
options are stable, the RESET pin must be asserted (low).
• Normal reset—for any resets following the power-up reset
sequence, the RESET pin must be asserted.
The DSP can be reset internally (core reset) by setting the
SWRST bit in SQCTL. The core is reset, but not the external
port or I/O.
After reset, the ADSP-TS101S has four boot options for begin-
ning operation:
• Boot from EPROM. The DSP defaults to EPROM booting
when the BMS pin strap option is set low. See Strap Pin
Function Descriptions on Page 19.
• Boot by an external master (host or another ADSP-
TS101S). Any master on the cluster bus can boot the
ADSP-TS101S through writes to its internal memory or
through autoDMA.
• Boot by link port. All four receive link DMA channels are
initialized after reset to transfer a 256-word block to inter-
nal memory address 0 to 255, and to issue an interrupt at
the end of the block (similar to EP DMA). The correspond-
ing DMA interrupts are set to address zero (0).
• No boot—Start running from an external memory. Using
the “no boot” option, the ADSP-TS101S must start running
from an external memory, caused by asserting one of the
IRQ3–0 interrupt signals.
The ADSP-TS101S core always exits from reset in the idle state
and waits for an interrupt. Some of the interrupts in the inter-
rupt vector table are initialized and enabled after reset.
LOW POWER OPERATION
The ADSP-TS101S can enter a low power sleep mode in which
its core does not execute instructions, reducing power con-
sumption to a minimum. The ADSP-TS101S exits sleep mode
when it senses a falling edge on any of its IRQ3–0 interrupt
inputs. The interrupt, if enabled, causes the ADSP-TS101S to
execute the corresponding interrupt service routine. This fea-
ture is useful for systems that require a low power standby
mode.
CLOCK DOMAINS
As shown in Figure 5, the ADSP-TS101S has two clock inputs,
SCLK (system clock) and LCLK (local clock).
These inputs drive its two major clock domains:
• SCLK (system clock). Provides clock input for the external
bus interface and defines the ac specification reference for
the external bus signals. The external bus interface runs at
1 the SCLK frequency. A DLL locks internal SCLK to
SCLK input.
• LCLK (local clock). Provides clock input to the internal
clock driver, CCLK, which is the internal clock for the core,
internal buses, memory, and link ports. The instruction
execution rate is equal to CCLK. A PLL from LCLK gener-
Figure 5. Clock Domains
LCLKRATx
SCLK_P
LCLK_P
SPD BITS,
LCTLx REGISTER
EXTERNAL INTERFACE
CCLK
(INSTRUCTION RATE)
LxCLKOUT/LxCLKIN
(LINK PORT RATE)
DLL
DLL
DLL
PLL
DLL
/LR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com