Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 16Page - Analog Devices ADSP-TS101S Datasheet HTML 17Page - Analog Devices ADSP-TS101S Datasheet HTML 18Page - Analog Devices ADSP-TS101S Datasheet HTML 19Page - Analog Devices ADSP-TS101S Datasheet HTML 20Page - Analog Devices ADSP-TS101S Datasheet HTML 21Page - Analog Devices ADSP-TS101S Datasheet HTML 22Page - Analog Devices ADSP-TS101S Datasheet HTML 23Page - Analog Devices ADSP-TS101S Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Rev. C
|
Page 20 of 48
|
May 2009
ADSP-TS101S
SPECIFICATIONS
Note that component specifications are subject to change with-
out notice.
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Internal Supply Voltage
1.14
1.26
V
VDD_A
Analog Supply Voltage
1.14
1.26
V
VDD_IO
I/O Supply Voltage
3.15
3.45
V
TCASE
Case Operating Temperature
–40
+85
ºC
VIH
High Level Input Voltage
1
1 Applies to input and bidirectional pins.
@ VDD, VDD_IO = max
2
VDD_IO + 0.5
V
VIL
Low Level Input Voltage1
@ VDD, VDD_IO = min
–0.5
+0.8
V
IDD
VDD Supply Current for Typical Activity
2
2 For details on internal and external power estimation, including: power vector definitions, current usage descriptions, and formulas, see EE-169, Estimating Power for the
ADSP-TS101S on the Analog Devices website—use site search on “EE-169” (www.analog.com). This document is updated regularly to keep pace with silicon revisions.
@ CCLK = 250 MHz, VDD =1.25 V,
TCASE =25ºC
1.2
A
IDD
VDD Supply Current for Typical Activity
2
@ CCLK = 300 MHz, VDD =1.25 V,
TCASE =25ºC
1.5
A
IDDIDLELP
VDD Supply Current for IDLELP
Instruction Execution
@ CCLK = 300 MHz, VDD =1.20 V,
TCASE =25ºC
173
mA
IDD_IO
VDD_IO Supply Current for Typical
Activity2
@ SCLK = 100 MHz, VDD_IO =3.3 V,
TCASE =25ºC
137
mA
IDD_A
VDD_A Supply Current
@ VDD =1.25 V, TCASE = 25ºC
25
31.25
mA
VREF
Voltage Reference
1.4
1.6
V
Parameter
Test Conditions
Min
Max
Unit
VOH
High Level Output Voltage
1
1 Applies to output and bidirectional pins.
@VDD_IO = min, IOH = –2 mA
2.4
V
VOL
Low Level Output Voltage1
@VDD_IO = min, IOL =4 mA
0.4
V
IIH
High Level Input Current2
2 Applies to input pins with internal pull-downs (pd).
@VDD_IO =max, VIN =VDD_IO max
10
μA
IIHP
High Level Input Current (pd)2
@VDD_IO =max, VIN =VDD_IO max
17.2
44.5
μA
IIL
Low Level Input Current
3
3 Applies to input pins without internal pull-ups (pu).
@VDD_IO =max, VIN =0 V
10
μA
IILP
Low Level Input Current (pu)
4
4 Applies to input pins with internal pull-ups (pu).
@VDD_IO =max, VIN =0 V
–69
–23
μA
IOZH
Three-State Leakage Current High
5, 6
5 Applies to three-stateable pins without internal pull-downs (pd).
6 Applies to open drain (od) pins with 500  pull-ups (pu).
@VDD_IO =max, VIN =VDD_IO max
10
μA
IOZHP
Three-State Leakage Current High (pd)7
7 Applies to three-stateable pins with internal pull-downs (pd).
@VDD_IO =max, VIN =VDD_IO max
17.2
44.5
μA
IOZL
Three-State Leakage Current Low8
8 Applies to three-stateable pins without internal pull-ups (pu).
@VDD_IO =max, VIN =0 V
10
μA
IOZLP
Three-State Leakage Current Low (pu)9
9 Applies to three-stateable pins with internal pull-ups (pu).
@VDD_IO =max, VIN =0 V
–69
–23
μA
IOZLO
Three-State Leakage Current Low (od)
7
@VDD_IO =max, VIN = 0 V
–9.8
–4.6
mA
CIN
Input Capacitance
10, 11
10Applies to all signals.
11Guaranteed but not tested.
@fIN =1 MHz, TCASE = 25ºC, VIN =2.5 V
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com