| Electronic Components Datasheet Search |
|
ADSP-TS101S Datasheet(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-TS101S Datasheet(HTML) 6 Page - Analog Devices |
|
6 / 48 page ![]() Rev. C | Page 6 of 48 | May 2009 ADSP-TS101S EXTERNAL PORT (OFF-CHIP MEMORY/PERIPHERALS INTERFACE) The ADSP-TS101S processor’s external port provides the pro- cessor’s interface to off-chip memory and peripherals. The 4G word address space is included in the DSP’s unified address space. The separate on-chip buses—three 128-bit data buses and three 32-bit address buses—are multiplexed at the external port to create an external system bus with a single 64-bit data bus and a single 32-bit address bus. The external port supports data transfer rates of 800M bytes per second over external bus. The external bus can be configured for 32- or 64-bit operation. When the system bus is configured for 64-bit operation, the lower 32 bits of the external data bus connect to even addresses, and the upper 32 bits connect to odd addresses. The external port supports pipelined, slow, and SDRAM proto- cols. Addressing of external memory devices and memory- mapped peripherals is facilitated by on-chip decoding of high- order address lines to generate memory bank select signals. The ADSP-TS101S provides programmable memory, pipeline depth, and idle cycle for synchronous accesses, and external acknowledge controls to support interfacing to pipelined or slow devices, host processors, and other memory-mapped peripherals with variable access, hold, and disable time requirements. Figure 3. Memory Map RESERVED RESERVED RESERVED RESERV ED INTE RNAL REG ISTERS (UREGS ) INTERNAL MEMORY 2 INTERNAL MEMORY 1 INTERNAL MEMORY 0 0x003FFFFF 0x00300000 0x00280000 0x00200000 0x001807FF 0x00180000 0x0010FFFF 0x00100000 0x0008FFFF 0x00080000 0x0000FFFF 0x00000000 INTERNAL SPACE PROCESSOR ID 7 PROCESSOR ID 6 PROCESSOR ID 5 PROCESSOR ID 4 PROCESSOR ID 3 PROCESSOR ID 2 PROCESSOR ID 1 PROCESSOR ID 0 BROADCAST HOST ( MSH) BANK 1 ( MS1) BANK 0 ( MS0) SDRAM ( MSSD) INTERNAL MEMORY 0x10000000 0x0C000000 0x08000000 0x04000000 0x03C00000 0x03800000 0x03400000 0x03000000 0x02C00000 0x02800000 0x02400000 0x02000000 0x01C00000 0x003FFFFF 0x00000000 GLOBAL SPACE 0xFFFFFFFF EACH IS A COPY OF INTERNAL SPACE RESERVED |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |