Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 19Page - Analog Devices ADSP-TS101S Datasheet HTML 20Page - Analog Devices ADSP-TS101S Datasheet HTML 21Page - Analog Devices ADSP-TS101S Datasheet HTML 22Page - Analog Devices ADSP-TS101S Datasheet HTML 23Page - Analog Devices ADSP-TS101S Datasheet HTML 24Page - Analog Devices ADSP-TS101S Datasheet HTML 25Page - Analog Devices ADSP-TS101S Datasheet HTML 26Page - Analog Devices ADSP-TS101S Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 23 of 48
|
May 2009
Table 22. Reference Clocks—System Clock (SCLK) Cycle Time
Parameter
Description
Min
Max
Unit
tSCLK
1, 2, 3, 4
System Clock Cycle Time
10
25
ns
tSCLKH
System Clock Cycle High Time
0.4 × tSCLK
0.6 × tSCLK
ns
tSCLKL
System Clock Cycle Low Time
0.4 × tSCLK
0.6 × tSCLK
ns
tSCLKJ
5, 6
System Clock Jitter Tolerance
500
ps
1 For more information, see Table 3 on Page 12.
2 For more information, see Clock Domains on Page 9.
3 LCLK_P and SCLK_P must be connected to the same source.
4 The value of (tSCLK / LCLKRAT2-0) must not violate the specification for tCCLK.
5 Actual input jitter should be combined with ac specifications for accurate timing analysis.
6 Jitter specification is maximum peak-to-peak time interval error (TIE) jitter.
Figure 11. Reference Clocks—System Clock (SCLK) Cycle Time
Table 23. Reference Clocks—Test Clock (TCK) Cycle Time
Parameter
Description
Min
Max
Unit
tTCK
Test Clock (JTAG) Cycle Time
Greater of 30 or tCCLK × 4
ns
tTCKH
Test Clock (JTAG) Cycle High Time
12.5
ns
tTCKL
Test Clock (JTAG) Cycle Low Time
12.5
ns
Figure 12. Reference Clocks—Test Clock (TCK) Cycle Time
Table 24. Power-Up Timing1
Parameter
Min
Max
Unit
Timing Requirement
tVDD_IO
VDD_IO Stable and Within Specification After VDD and VDD_A
Are Stable and Within Specification
>0
ms
1 For information about power supply sequencing and monitoring solutions, please visit http://www.analog.com/sequencing.
Figure 13. Power-Up Sequencing Timing
SCLK_P
tSCLK
tSCLKH
tSCLKL
tSCLKJ
SCLK_P
tSCLK
tSCLKH
tSCLKL
tSCLKJ
TCK
tTCK
tTCKH
tTCKL
VDD
VDD_A
VDD_IO
tVDD_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com