Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 20Page - Analog Devices ADSP-TS101S Datasheet HTML 21Page - Analog Devices ADSP-TS101S Datasheet HTML 22Page - Analog Devices ADSP-TS101S Datasheet HTML 23Page - Analog Devices ADSP-TS101S Datasheet HTML 24Page - Analog Devices ADSP-TS101S Datasheet HTML 25Page - Analog Devices ADSP-TS101S Datasheet HTML 26Page - Analog Devices ADSP-TS101S Datasheet HTML 27Page - Analog Devices ADSP-TS101S Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Rev. C
|
Page 24 of 48
|
May 2009
ADSP-TS101S
Table 25. Power-Up Reset Timing
Parameter
Min
Max
Unit
Timing Requirements
tSTART_LO
RESET Deasserted After VDD, VDD_A, VDD_IO, SCLK/LCLK, and
Static/Strap Pins Are Stable and Within Specification
2ms
tPULSE1_HI
RESET Deasserted for First Pulse
50 tSCLK
100 tSCLK
ns
tPULSE2_LO
RESET Asserted for Second Pulse
100 tSCLK
ns
tTRST_PWR
1
TRST Asserted During Power-Up Reset
2 tSCLK
ns
1 Applies after VDD, VDD_A, VDD_IO, and SCLK/LCLK and static/strap pins are stable and within specification, and before RESET is deasserted.
Figure 14. Power-Up Reset Timing
Table 26. Normal Reset Timing
Parameter
Min
Max
Unit
Timing Requirements
tRST_IN
RESET Asserted
100 tSCLK
ns
tSTRAP
RESET Deasserted After Strap Pins Stable
2
ms
Figure 15. Normal Reset (Hot Reset) Timing
RESET
TRST
tTRST_PW R
tSTART_LO
VDD, VDD_A, VDD_IO,
SCL K/LCLK,
STAT IC/STR AP
PINS
tPULSE1_HI
tPULSE2_LO
RESET
STRAP PINS
tRST_IN
tSTRAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com