Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 28Page - Analog Devices ADSP-TS101S Datasheet HTML 29Page - Analog Devices ADSP-TS101S Datasheet HTML 30Page - Analog Devices ADSP-TS101S Datasheet HTML 31Page - Analog Devices ADSP-TS101S Datasheet HTML 32Page - Analog Devices ADSP-TS101S Datasheet HTML 33Page - Analog Devices ADSP-TS101S Datasheet HTML 34Page - Analog Devices ADSP-TS101S Datasheet HTML 35Page - Analog Devices ADSP-TS101S Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Rev. C
|
Page 32 of 48
|
May 2009
ADSP-TS101S
OUTPUT DRIVE CURRENTS
Figure 21 through Figure 28 show typical I–V characteristics for
the output drivers of the ADSP-TS101S. The curves in these dia-
grams represent the current drive capability of the output
drivers as a function of output voltage over the range of drive
strengths. For complete output driver characteristics, refer to
IBIS models, available on the Analog Devices website,
www.analog.com.
Figure 21. Typical Drive Currents at Strength 0
Figure 22. Typical Drive Currents at Strength 1
OUTPUT PIN VOLTAGE (V)
03.5
0.5
1.0
1.5
2.0
2.5
3.0
–5
0
5
V
DD_IO = 3.15V, +85°C
–10
–15
–20
–25
–30
10
15
20
25
30
STRENGTH 0
V
DD_IO =3.3V, +25°C
V
DD_IO =3.45V, –40°C
I
OL
I
OH
VDD_IO =3.15V, +85°C
V
DD_IO =3.3V, +25°C
V
DD_IO = 3.45V, –40°C
OUTPUT PIN VOLTAGE (V)
03.5
0.5
1.0
1.5
2.0
2.5
3.0
–10
0
10
V
DD_IO = 3.15V, +85°C
–20
–30
–40
–50
–70
20
30
40
50
60
STRENGTH 1
VDD_IO =3.3V, +25°C
V
DD_IO = 3.45V, –40°C
I
OL
IOH
VDD_IO =3.15V, +85°C
V
DD_IO =3.3V, +25°C
VDD_IO = 3.45V, –40°C
–60
Figure 23. Typical Drive Currents at Strength 2
Figure 24. Typical Drive Currents at Strength 3
OUTPUT PIN VOLTAGE (V)
03.5
0.5
1.0
1.5
2.0
2.5
3.0
–20
0
20
VDD_IO = 3.15V, +85°C
–40
–60
–80
–100
40
60
80
STRENGTH 2
VDD_IO =3.3V, +25°C
V
DD_IO = 3.45V, –40°C
I
OL
I
OH
V
DD_IO =3.15V, +85°C
V
DD_IO =3.3V, +25°C
V
DD_IO = 3.45V, –40°C
OUTPUT PIN VOLTAGE (V)
03.5
0.5
1.0
1.5
2.0
2.5
3.0
–25
0
25
V
DD_IO = 3.15V, +85°C
–50
–75
–100
–125
50
75
100
125
STRENGTH 3
V
DD_IO =3.3V, +25°C
VDD_IO = 3.45V, –40°C
I
OL
I
OH
V
DD_IO =3.15V, +85°C
V
DD_IO =3.3V, +25°C
V
DD_IO = 3.45V, –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com