Electronic Components Datasheet Search
  English  ▼

X  

ADSP-TS101S Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 21Page - Analog Devices ADSP-TS101S Datasheet HTML 22Page - Analog Devices ADSP-TS101S Datasheet HTML 23Page - Analog Devices ADSP-TS101S Datasheet HTML 24Page - Analog Devices ADSP-TS101S Datasheet HTML 25Page - Analog Devices ADSP-TS101S Datasheet HTML 26Page - Analog Devices ADSP-TS101S Datasheet HTML 27Page - Analog Devices ADSP-TS101S Datasheet HTML 28Page - Analog Devices ADSP-TS101S Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 25 of 48
|
May 2009
Table 27. AC Signal Specifications (for SCLK <16.7 ns) (All values in this table are in nanoseconds)
Name
Description
ADDR31–0
External Address Bus
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
DATA63–0
External Data Bus
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
MSH
Memory Select Host Line
4.2
1.0
0.9
2.5
SCLK
MSSD
Memory Select SDRAM Line
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
MS1–0
Memory Select for Static Blocks
4.2
1.0
0.9
2.5
SCLK
RD
Memory Read
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
WRL
Write Low Word
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
WRH
Write High Word
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
ACK
Acknowledge for Data
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
SDCKE
SDRAM Clock Enable
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
RAS
Row Address Select
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
CAS
Column Address Select
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
SDWE
SDRAM Write Enable
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
LDQM
Low Word SDRAM Data Mask
4.2
1.0
0.9
2.5
SCLK
HDQM
High Word SDRAM Data Mask
4.2
1.0
0.9
2.5
SCLK
SDA10
SDRAM ADDR10
4.2
1.0
0.9
2.5
SCLK
HBR
Host Bus Request
2.6
0.5
SCLK
HBG
Host Bus Grant
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
BOFF
Back Off Request
2.6
0.5
SCLK
BUSLOCK
Bus Lock
4.2
1.0
0.9
2.5
SCLK
BRST
Burst Access
2.6
0.5
4.2
1.0
0.9
2.5
SCLK
BR7–0
Multiprocessing Bus Request
2.6
0.5
4.2
1.0
SCLK
FLYBY
Flyby Mode Selection
4.2
1.0
0.9
2.5
SCLK
IOEN
Flyby I/O Enable
4.2
1.0
0.9
2.5
SCLK
CPA
3, 4
Core Priority Access
2.6
0.5
5.8
2.5
SCLK
DPA 3, 4
DMA Priority Access
2.6
0.5
5.8
2.5
SCLK
BMS5
Boot Memory Select
4.2
1.0
0.9
2.5
SCLK
FLAG3–06
FLAG Pins
4.2
1.0
1.0
4.0
SCLK
RESET
4, 7
Global Reset
SCLK
TMS
4
Test Mode Select (JTAG)
1.5
1.0
TCK
TDI
4
Test Data Input (JTAG)
1.5
1.0
TCK
TDO
Test Data Output (JTAG)
6.0
1.0
1.0
5.0
TCK_FE8
TRST4, 7, 9
Test Reset (JTAG)
TCK
BM5
Bus Master Debug Aid Only
4.2
1.0
SCLK
EMU
10
Emulation
5.5
5.0
TCK or LCLK
JTAG_SYS_IN
11
System Input
1.5
11.0
TCK
JTAG_SYS_OUT
12
System Output
16.0
TCK_FE
8
ID2–0
9
Chip ID—Must Be Constant
CONTROLIMP2–09
Static Pins—Must Be Constant
DS2–09
Static Pins—Must Be Constant
LCLKRAT2–09
Static Pins—Must Be Constant
SCLKFREQ
9
Static Pins—Must Be Constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com