Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 60 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 60 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 56Page - Dallas Semiconductor DS2154 Datasheet HTML 57Page - Dallas Semiconductor DS2154 Datasheet HTML 58Page - Dallas Semiconductor DS2154 Datasheet HTML 59Page - Dallas Semiconductor DS2154 Datasheet HTML 60Page - Dallas Semiconductor DS2154 Datasheet HTML 61Page - Dallas Semiconductor DS2154 Datasheet HTML 62Page - Dallas Semiconductor DS2154 Datasheet HTML 63Page - Dallas Semiconductor DS2154 Datasheet HTML 64Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
DS2154
60 of 87
11.3 INTERNAL REGISTER SCHEME BASED ON CRC4 MULTIFRAME
On the receive side, there is a set of eight registers (RSiAF, RSiNAF, RRA, RSa4 to RSa8) that report the
Si and Sa bits as they are received. These registers are updated with the setting of the Receive CRC4
Multiframe bit in Status Register 2 (SR2.1). The host can use the SR2.1 bit to know when to read these
registers. The user has 2 ms to retrieve the data before it is lost. The MSB of each register is the first
received. Please see the register descriptions below and the Transmit Data Flow diagram in Section 13 for
more details.
On the transmit side, there is also a set of eight registers (TSiAF, TSiNAF, TRA, TSa4 to TSa8) that can
be programmed to insert both Si and Sa data via the Transmit Sa Bit Control Register (TSaCR). Data is
sampled from these registers with the setting of the Transmit Multiframe bit in Status Register 2 (SR2.5).
The host can use the SR2.5 bit to know when to update these registers. It has 2 ms to update the data or
else the old data will be retransmitted. The MSB of each register is the first bit transmitted. Please see the
register descriptions below and the Transmit Data Flow diagram in Section 13 for more details.
REGISTER
NAME
ADDRESS
(HEX)
FUNCTION
RSiAF
58
The 8 Si bits in the align frame
RSiNAF
59
The 8 Si bits in the non-align frame
RRA
5A
The 8 reportings of the receive remote alarm (RA)
RSa4
5B
The 8 Sa4 reported in each CRC4 multiframe
RSa5
5C
The 8 Sa5 reported in each CRC4 multiframe
RSa6
5D
The 8 Sa6 reported in each CRC4 multiframe
RSa7
5E
The 8 Sa7 reported in each CRC4 multiframe
RSa8
5F
The eight Sa8 reported in each CRC4 multiframe
TSiAF
50
The 8 Si bits to be inserted into the align frame
TSiNAF
51
The 8 Si bits to be inserted into the non-align frame
TRA
52
The 8 settings of remote alarm (RA)
TSa4
53
The 8 Sa4 settings in each CRC4 multiframe
TSa5
54
The 8 Sa5 settings in each CRC4 multiframe
TSa6
55
The 8 Sa6 settings in each CRC4 multiframe
TSa7
56
The 8 Sa7 settings in each CRC4 multiframe
TSa8
57
The 8 Sa8 settings in each CRC4 multiframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com