Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 36Page - Dallas Semiconductor DS2154 Datasheet HTML 37Page - Dallas Semiconductor DS2154 Datasheet HTML 38Page - Dallas Semiconductor DS2154 Datasheet HTML 39Page - Dallas Semiconductor DS2154 Datasheet HTML 40Page - Dallas Semiconductor DS2154 Datasheet HTML 41Page - Dallas Semiconductor DS2154 Datasheet HTML 42Page - Dallas Semiconductor DS2154 Datasheet HTML 43Page - Dallas Semiconductor DS2154 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
DS2154
40 of 87
5.0 ERROR COUNT REGISTERS
There are a set of four counters in the DS2154 that record bipolar or code violations, errors in the CRC4
SMF code words, E bits as reported by the far end, and word errors in the FAS. Each of these four
counters are automatically updated on either 1-second boundaries (CCR2.7=0) or every 62.5 ms
(CCR2.7=1) as determined by the timer in Status Register 2 (SR2.4). Hence, these registers contain
performance data from either the previous second or the previous 62.5 ms. The user can use the interrupt
from the timer to determine when to read these registers. The user has a full second (or 62.5 ms) to read
the counters before the data is lost.
5.1 BPV or Code Violation Counter
Violation Count Register 1 (VCR1) is the most significant word and VCR2 is the least significant word of
a 16-bit counter that records either BiPolar Violations (BPVs) or Code Violations (CVs). If CCR2.6=0,
then the VCR counts bipolar violations. Bipolar violations are defined as consecutive marks of the same
polarity. In this mode, if the HDB3 mode is set for the receive side via CCR1.2, then HDB3 code words
are not counted as BPVs. If CCR2.6=1, then the VCR counts code violations as defined in ITU O.161.
Code violations are defined as consecutive bipolar violations of the same polarity. In most applications,
the DS2154 should be programmed to count BPVs when receiving AMI code and to count CVs when
receiving HDB3 code. This counter increments at all times and is not disabled by loss of sync conditions.
The counter saturates at 65,535 and will not rollover. The bit error rate on an E1 line would have to be
greater than 10**
-2 before the VCR would saturate.
VCR1: UPPER BIPOLAR VIOLATION COUNT REGISTER 1 (Address=00 Hex)
VCR2:LOWER BIPOLAR VIOLATION COUNT REGISTER 2 (Address=01 Hex)
(MSB)
(LSB)
V15
V14
V13
V12
V11
V10
V9
V8
VCR1
V7
V6
V5
V4
V3
V2
V1
V0
VCR2
SYMBOL
POSITION
NAME AND DESCRIPTION
V15
VCR1.7
MSB of the 16-bit bipolar or code violation count .
V0
VCR2.0
LSB of the 16-bit bipolar or code violation count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com