Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 25Page - Dallas Semiconductor DS2154 Datasheet HTML 26Page - Dallas Semiconductor DS2154 Datasheet HTML 27Page - Dallas Semiconductor DS2154 Datasheet HTML 28Page - Dallas Semiconductor DS2154 Datasheet HTML 29Page - Dallas Semiconductor DS2154 Datasheet HTML 30Page - Dallas Semiconductor DS2154 Datasheet HTML 31Page - Dallas Semiconductor DS2154 Datasheet HTML 32Page - Dallas Semiconductor DS2154 Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
DS2154
29 of 87
CCR3: COMMON CONTROL REGISTER 3 Address=1B Hex)
(MSB)
(LSB)
TESE
TCBFS
TIRFS
ESR
RSRE
THSE
TBCS
RCLA
SYMBOL
POSITION
NAME AND DESCRIPTION
TESE
CCR3.7
Transmit Side Elastic Store Enable.
0=elastic store is bypassed
1=elastic store is enabled
TCBFS
CCR3.6
Transmit Channel Blocking Registers (TCBR) Function
Select.
0=TCBRs define the operation of the TCHBLK output pin
1=TCBRs define which signaling bits are to be inserted
TIRFS
CCR3.5
Transmit Idle Registers (TIR) Function Select. See Section 8
for details.
0=TIRs define in which channels to insert idle code
1=TIRs define in which channels to insert data from RSER (i.e.,
Per=Channel Loopback function)
ESR
CCR3.4
Elastic Stores Reset. Setting this bit from a 1 to a 0 will force
the elastic stores to a known depth. ESR is level triggered.
Should be toggled after RSYSCLK and TSYSCLK have been
applied and are stable. Must be set and cleared again for a
subsequent reset. Do not leave this bit set high.
RSRE
CCR3.3
Receive Side Signaling Re-Insertion Enable. See Section 7-2
for details.
0=do not reinsert signaling bits into the data stream presented at
the RSER pin
1=reinsert the signaling bits into data stream presented at the
RSER pin
THSE
CCR3.2
Transmit Side Hardware Signaling Insertion Enable. See
Section 7-2 for details.
0=do not insert signaling from the TSIG pin into the data stream
presented at the TSER pin
1=insert signaling from the TSIG pin into the data stream
presented at the TSER pin
TBCS
CCR3.1
Transmit Side Backplane Clock Select.
0=if TSYSCLK is 1.544 MHz
1=if TSYSCLK is 2.048 MHz
RCLA
CCR3.0
Receive Carrier Loss (RCL) Alternate Criteria.
0=RCL declared upon 255 consecutive 0s (125 us)
1=RCL declared upon 2048 consecutive 0s (1 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com