Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 40Page - Dallas Semiconductor DS2154 Datasheet HTML 41Page - Dallas Semiconductor DS2154 Datasheet HTML 42Page - Dallas Semiconductor DS2154 Datasheet HTML 43Page - Dallas Semiconductor DS2154 Datasheet HTML 44Page - Dallas Semiconductor DS2154 Datasheet HTML 45Page - Dallas Semiconductor DS2154 Datasheet HTML 46Page - Dallas Semiconductor DS2154 Datasheet HTML 47Page - Dallas Semiconductor DS2154 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
DS2154
44 of 87
TDS0M: TRANSMIT DS0 MONITOR REGISTER (Address=A9 Hex)
(MSB)
(LSB)
B1
B2
B3
B4
B5
B6
B7
B8
SYMBOL
POSITION
NAME AND DESCRIPTION
B1
TDS0M.7
Transmit DS0 Channel Bit 8. MSB of the DS0 channel (first
bit to be transmitted).
B2
TDS0M.6
Transmit DS0 Channel Bit 7.
B3
TDS0M.5
Transmit DS0 Channel Bit 6.
B4
TDS0M.4
Transmit DS0 Channel Bit 5.
B5
TDS0M.3
Transmit DS0 Channel Bit 4.
B6
TDS0M.2
Transmit DS0 Channel Bit 3.
B7
TDS0M.1
Transmit DS0 Channel Bit 2.
B8
TDS0M.0
Transmit DS0 Channel Bit 1. LSB of the DS0 channel (last bit
to be transmitted).
CCR5: COMMON CONTROL REGISTER 5 (Address=AA Hex)
[repeated here from section 3 for convenience]
(MSB)
(LSB)
LIRST
-
-
RCM4
RCM3
RCM2
RCM1
RCM0
SYMBOL
POSITION
NAME AND DESCRIPTION
LIRST
CCR5.7
Line Interface Reset. See Section 3 for details.
-
CCR5.6
Not Assigned. Should be set to 0 when written.
-
CCR5.5
Not Assigned. Should be set to 0 when written.
RCM4
CCR5.4
Receive Channel Monitor Bit 4. MSB of a channel decode that
determines which receive DS0 channel data will appear in the
RDS0M register.
RCM3
CCR5.3
Receive Channel Monitor Bit 3.
RCM2
CCR5.2
Receive Channel Monitor Bit 2.
RCM1
CCR5.1
Receive Channel Monitor Bit 1.
RCM0
CCR5.0
Receive Channel Monitor Bit 0. LSB of the channel decode
that determines which receive DS0 channel data will appear in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com