Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 15Page - Dallas Semiconductor DS2154 Datasheet HTML 16Page - Dallas Semiconductor DS2154 Datasheet HTML 17Page - Dallas Semiconductor DS2154 Datasheet HTML 18Page - Dallas Semiconductor DS2154 Datasheet HTML 19Page - Dallas Semiconductor DS2154 Datasheet HTML 20Page - Dallas Semiconductor DS2154 Datasheet HTML 21Page - Dallas Semiconductor DS2154 Datasheet HTML 22Page - Dallas Semiconductor DS2154 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
DS2154
19 of 87
ADDRESS
R/W
REGISTER NAME
REGISTER ABBREVIATION
92
R/W
Receive Channel 19.
RC19
93
R/W
Receive Channel 20.
RC20
94
R/W
Receive Channel 21.
RC21
95
R/W
Receive Channel 22.
RC22
96
R/W
Receive Channel 23.
RC23
97
R/W
Receive Channel 24.
RC24
98
R/W
Receive Channel 25.
RC25
99
R/W
Receive Channel 26.
RC26
9A
R/W
Receive Channel 27.
RC27
9B
R/W
Receive Channel 28.
RC28
9C
R/W
Receive Channel 29.
RC29
9D
R/W
Receive Channel 30.
RC30
9E
R/W
Receive Channel 31.
RC31
9F
R/W
Receive Channel 32.
RC32
A0
R/W
Transmit Channel Control 1.
TCC1
A1
R/W
Transmit Channel Control 2.
TCC2
A2
R/W
Transmit Channel Control 3.
TCC3
A3
R/W
Transmit Channel Control 4.
TCC4
A4
R/W
Receive Channel Control 1.
RCC1
A5
R/W
Receive Channel Control 2.
RCC2
A6
R/W
Receive Channel Control 3.
RCC3
A7
R/W
Receive Channel Control 4.
RCC4
A8
R/W
Common Control 4.
CCR4
A9
R
Transmit DS0 Monitor.
TDS0M
AA
R/W
Common Control 5.
CCR5
AB
R
Receive DS0 Monitor.
RDS0M
AC
R/W
Test 3.
TEST3 (set to 00h)
AD
R/W
Not Used.
(set to 00h)
AE
R/W
Not Used.
(set to 00h)
AF
R/W
Not Used.
(set to 00h)
NOTES:
1. Test Registers 1, 2, and 3 are used only by the factory; these registers must be cleared (set to all 0s) on
power-up initialization to insure proper operation.
2. Register banks Bxh, Cxh, Dxh, Exh, and Fxh are not accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com