Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 52 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 52 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 48Page - Dallas Semiconductor DS2154 Datasheet HTML 49Page - Dallas Semiconductor DS2154 Datasheet HTML 50Page - Dallas Semiconductor DS2154 Datasheet HTML 51Page - Dallas Semiconductor DS2154 Datasheet HTML 52Page - Dallas Semiconductor DS2154 Datasheet HTML 53Page - Dallas Semiconductor DS2154 Datasheet HTML 54Page - Dallas Semiconductor DS2154 Datasheet HTML 55Page - Dallas Semiconductor DS2154 Datasheet HTML 56Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
DS2154
52 of 87
TIR1/TIR2/TIR3/TIR4: TRANSMIT IDLE REGISTERS (Address=26 to 29 Hex)
[Also used for Per-Channel Loopback]
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TIR1 (26)
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TIR2 (27)
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
TIR3 (28)
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
TIR4 (29)
SYMBOL
POSITION
NAME AND DESCRIPTION
CH32
TIR4.7
Transmit Idle Registers.
0=do not insert the Idle Code in the TIDR into this channel
CH1
TIR1.0
1=insert the Idle Code in the TIDR into this channel
NOTE:
If CCR3.5=1, then a 0 in the TIRs implies that channel data is to be sourced from TSER and a 1 implies
that channel data is to be sourced from the output of the receive side framer (i.e., Per-Channel Loopback;
see Figure 1-1).
TIDR: TRANSMIT IDLE DEFINITION REGISTER (Address=2A Hex)
(MSB)
(LSB)
TIDR7
TIDR6
TIDR5
TIDR4
TIDR3
TIDR2
TIDR1
TIDR0
SYMBOL
POSITION
NAME AND DESCRIPTION
TIDR7
TIDR.7
MSB of the Idle Code (this bit is transmitted first)
TIDR0
TIDR.0
LSB of the Idle Code (this bit is transmitted last)
8.1.2 Per-Channel Code Insertion
The second method involves using the Transmit Channel Control Registers (TCC1/2/3/4) to determine
which of the 32 E1 channels should be overwritten with the code placed in the Transmit Channel
Registers (TC1 to TC32). This method is more flexible than the first in that it allows a different 8-bit code
to be placed into each of the 32 E1 channels.
TC1 TO TC32: TRANSMIT CHANNEL REGISTERS (Address=60 to 7F Hex)
(for brevity, only channel 1 is shown; see Table 1-3 for other register address)
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
SYMBOL
POSITION
NAME AND DESCRIPTION
C7
TC1.7
MSB of the Code (this bit is transmitted first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com