Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 13Page - Dallas Semiconductor DS2154 Datasheet HTML 14Page - Dallas Semiconductor DS2154 Datasheet HTML 15Page - Dallas Semiconductor DS2154 Datasheet HTML 16Page - Dallas Semiconductor DS2154 Datasheet HTML 17Page - Dallas Semiconductor DS2154 Datasheet HTML 18Page - Dallas Semiconductor DS2154 Datasheet HTML 19Page - Dallas Semiconductor DS2154 Datasheet HTML 20Page - Dallas Semiconductor DS2154 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
DS2154
17 of 87
ADDRESS
R/W
REGISTER NAME
REGISTER ABBREVIATION
48
R/W
Transmit Signaling 9.
TS9
49
R/W
Transmit Signaling 10.
TS10
4A
R/W
Transmit Signaling 11.
TS11
4B
R/W
Transmit Signaling 12.
TS12
4C
R/W
Transmit Signaling 13.
TS13
4D
R/W
Transmit Signaling 14.
TS14
4E
R/W
Transmit Signaling 15.
TS15
4F
R/W
Transmit Signaling 16.
TS16
50
R/W
Transmit Si Bits Align Frame.
TSiAF
51
R/W
Transmit Si Bits Non-Align Frame.
TSiNAF
52
R/W
Transmit Remote Alarm Bits.
TRA
53
R/W
Transmit Sa4 Bits.
TSa4
54
R/W
Transmit Sa5 Bits.
TSa5
55
R/W
Transmit Sa6 Bits.
TSa6
56
R/W
Transmit Sa7 Bits.
TSa7
57
R/W
Transmit Sa8 Bits.
TSa8
58
R
Receive Si Bits Align Frame.
RSiAF
59
R
Receive Si Bits Non-Align Frame.
RSiNAF
5A
R
Receive Remote Alarm Bits.
RRA
5B
R
Receive Sa4 Bits.
RSa4
5C
R
Receive Sa5 Bits.
RSa5
5D
R
Receive Sa6 Bits.
RSa6
5E
R
Receive Sa7 Bits.
RSa7
5F
R
Receive Sa8 Bits.
RSa8
60
R/W
Transmit Channel 1.
TC1
61
R/W
Transmit Channel 2.
TC2
62
R/W
Transmit Channel 3.
TC3
63
R/W
Transmit Channel 4.
TC4
64
R/W
Transmit Channel 5.
TC5
65
R/W
Transmit Channel 6.
TC6
66
R/W
Transmit Channel 7.
TC7
67
R/W
Transmit Channel 8.
TC8
68
R/W
Transmit Channel 9.
TC9
69
R/W
Transmit Channel 10.
TC10
6A
R/W
Transmit Channel 11.
TC11
6B
R/W
Transmit Channel 12.
TC12
6C
R/W
Transmit Channel 13.
TC13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com