Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 85 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 85 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 79Page - Dallas Semiconductor DS2154 Datasheet HTML 80Page - Dallas Semiconductor DS2154 Datasheet HTML 81Page - Dallas Semiconductor DS2154 Datasheet HTML 82Page - Dallas Semiconductor DS2154 Datasheet HTML 83Page - Dallas Semiconductor DS2154 Datasheet HTML 84Page - Dallas Semiconductor DS2154 Datasheet HTML 85Page - Dallas Semiconductor DS2154 Datasheet HTML 86Page - Dallas Semiconductor DS2154 Datasheet HTML 87Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
DS2154
85 of 87
AC CHARACTERISTICS -
NON-MULTIPLEXED PARALLEL
(0
°C to 70°C; V
DD=5V
±=5% for DS2154T;
PORT (MUX=0)
-40
°C to +85°C; V
DD=5V
±=5% for DS2154TN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Set Up Time for A0 to A7 Valid to CS
Active
t1
0
ns
Set Up Time for CS Active to either
RD
, WR , or DS Active
t2
0
ns
Delay Time from either RD or DS
Active to Data Valid
t3
75
ns
Hold Time from either RD , WR , or DS
Inactive to CS Inactive
t4
0
ns
Hold Time from CS Inactive to Data
Bus 3-state
t5
5
20
ns
Wait Time from either WR or DS
Active to Latch Data
t6
75
ns
Data Set Up Time to either WR or DS
Inactive
t7
10
ns
Data Hold Time from either WR or DS
Inactive
t8
10
ns
Address Hold from either WR or DS
Inactive
t9
10
ns
See Figures 14-10 to 14-13 for details.
INTEL BUS READ AC TIMING (BTS=0/MUX=0) Figure 14-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com