Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 23Page - Dallas Semiconductor DS2154 Datasheet HTML 24Page - Dallas Semiconductor DS2154 Datasheet HTML 25Page - Dallas Semiconductor DS2154 Datasheet HTML 26Page - Dallas Semiconductor DS2154 Datasheet HTML 27Page - Dallas Semiconductor DS2154 Datasheet HTML 28Page - Dallas Semiconductor DS2154 Datasheet HTML 29Page - Dallas Semiconductor DS2154 Datasheet HTML 30Page - Dallas Semiconductor DS2154 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
DS2154
27 of 87
FRAMER LOOPBACK
When CCR1.7 is set to a 1, the DS2154 will enter a Framer LoopBack (FLB) mode. See Figure 1-1 for
more details. This loopback is useful in testing and debugging applications. In FLB, the DS2154 will loop
data from the transmit side back to the receive side.
When FLB is enabled, the following will occur:
1. Data will be transmitted as normal at TPOSO and TNEGO.
2. Data input via RPOSI and RNEGI will be ignored.
3. The RCLK output will be replaced with the TCLK input.
CCR2: COMMON CONTROL REGISTER 2 (Address=1A Hex)
(MSB)
(LSB)
ECUS
VCRFS
AAIS
ARA
RSERC
LOTCMC
RFF
RFE
SYMBOL
POSITION
NAME AND DESCRIPTION
ECUS
CCR2.7
Error Counter Update Select. See Section 5 for details.
0=update error counters once a second
1=update error counters every 62.5 ms (500 frames)
VCRFS
CCR2.6
VCR Function Select. See Section 5 for details.
0=count BiPolar Violations (BPVs)
1=count Code Violations (CVs)
AAIS
CCR2.5
Automatic AIS Generation.
0=disabled
1=enabled
ARA
CCR2.4
Automatic Remote Alarm Generation.
0=disabled
1=enabled
RSERC
CCR2.3
RSER Control.
0=allow RSER to output data as received under all conditions
1=force RSER to 1 under loss of frame alignment conditions
LOTCMC
CCR2.2
Loss of Transmit Clock Mux Control. Determines whether the
transmit side formatter should switch to the ever-present
RCLKO if the TCLK should fail to transition (see Figure 1-1).
0=do not switch to RCLKO if TCLK stops
1=switch to RCLKO if TCLK stops
RFF
CCR2.1
Receive Force Freeze. Freezes receive side signaling at RSIG
(and RSER if CCR3.3=1); will override Receive Freeze Enable
(RFE). See Section 7-2 for details.
0=do not force a freeze event
1=force a freeze event
RFE
CCR2.0
Receive Freeze Enable. See Section 7-2 for details.
0=no freezing of receive signaling data will occur
1=allow freezing of receive signaling data at RSIG (and RSER if
CCR3.3=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com