Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 20Page - Dallas Semiconductor DS2154 Datasheet HTML 21Page - Dallas Semiconductor DS2154 Datasheet HTML 22Page - Dallas Semiconductor DS2154 Datasheet HTML 23Page - Dallas Semiconductor DS2154 Datasheet HTML 24Page - Dallas Semiconductor DS2154 Datasheet HTML 25Page - Dallas Semiconductor DS2154 Datasheet HTML 26Page - Dallas Semiconductor DS2154 Datasheet HTML 27Page - Dallas Semiconductor DS2154 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
DS2154
24 of 87
TCR1: TRANSMIT CONTROL REGISTER 1 (Address=12 Hex)
(MSB)
(LSB)
ODF
TFPT
T16S
TUA1
TSiS
TSA1
TSM
TSIO
SYMBOL
POSITION
NAME AND DESCRIPTION
ODF
TCR1.7
Output Data Format.
0=bipolar data at TPOSO and TNEGO
1=NRZ data at TPOSO; TNEGO=0
TFPT
TCR1.6
Transmit Timeslot 0 Pass Through.
0=FAS bits/Sa bits/Remote Alarm sourced internally from the
TAF and TNAF registers
1=FAS bits/Sa bits/Remote Alarm sourced from TSER
T16S
TCR1.5
Transmit Timeslot 16 Data Select.
0=sample timeslot 16 at TSER pin
1=source timeslot 16 from TS0 to TS15 registers
TUA1
TCR1.4
Transmit Unframed All 1s.
0=transmit data normally
1=transmit an unframed all 1’s code at TPOSO and TNEGO
TSiS
TCR1.3
Transmit International Bit Select.
0=sample Si bits at TSER pin
1=source Si bits from TAF and TNAF registers (in this mode,
TCR1.6 must be set to 0)
TSA1
TCR1.2
Transmit Signaling All 1s.
0=normal operation
1=force timeslot 16 in every frame to all 1s
TSM
TCR1.1
TSYNC Mode Select.
0=frame mode (see the timing in Section 13)
1=CAS and CRC4 multiframe mode (see the timing in Section
13)
TSIO
TCR1.0
TSYNC I/O Select.
0=TSYNC is an input
1=TSYNC is an output
NOTE:
See Figure 13-11 for more details about how the Transmit Control Registers affect the operation of the
DS2154.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com