Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 24Page - Dallas Semiconductor DS2154 Datasheet HTML 25Page - Dallas Semiconductor DS2154 Datasheet HTML 26Page - Dallas Semiconductor DS2154 Datasheet HTML 27Page - Dallas Semiconductor DS2154 Datasheet HTML 28Page - Dallas Semiconductor DS2154 Datasheet HTML 29Page - Dallas Semiconductor DS2154 Datasheet HTML 30Page - Dallas Semiconductor DS2154 Datasheet HTML 31Page - Dallas Semiconductor DS2154 Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
DS2154
28 of 87
AUTOMATIC ALARM GENERATION
When either CCR2.4 or CCR2.5 is set to 1, the DS2154 monitors the receive side to determine if any of
the following conditions are present: loss of receive frame synchronization, AIS alarm (all 1s) reception,
or loss of receive carrier (or signal). If any one (or more) of the above conditions is present, then the
DS2154 will either force an AIS alarm (if CCR2.5=1) or a Remote Alarm (CCR2.4=1) to be transmitted
via the TPOSO and TNEGO pins. It is an illegal state to have both CCR2.4 and CCR2.5 set to 1 at the
same time. If CCR2.4=1, then RAI will be transmitted according to ETS 300 011 specifications and a
constant Remote Alarm will be transmitted if the DS2154 cannot find CRC4 multiframe synchronization
within 400 ms as per G.706.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com