Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 77 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 77 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 73Page - Dallas Semiconductor DS2154 Datasheet HTML 74Page - Dallas Semiconductor DS2154 Datasheet HTML 75Page - Dallas Semiconductor DS2154 Datasheet HTML 76Page - Dallas Semiconductor DS2154 Datasheet HTML 77Page - Dallas Semiconductor DS2154 Datasheet HTML 78Page - Dallas Semiconductor DS2154 Datasheet HTML 79Page - Dallas Semiconductor DS2154 Datasheet HTML 80Page - Dallas Semiconductor DS2154 Datasheet HTML 81Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
DS2154
77 of 87
AC CHARACTERISTICS -
MULTIPLEXED PARALLEL
(0
°C to 70°C; V
DD=5V
±=5% for DS2154L;
PORT (MUX=1)
-40
°C to +85°C; V
DD=5V
±=5% for DS2154LN)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
200
ns
Pulse Width, DS low or RD high
PWEL
100
ns
Pulse Width, DS high or RD low
PWEH
100
ns
Input Rise/Fall times
tR, tF
20
ns
R/ W Hold Times
tRWH
10
ns
R/ W Set Up time before DS high
tRWS
50
ns
CS
Set Up time before DS, WR , or RD
active
tCS
20
ns
CS
Hold Time
tCH
0ns
Read Data Hold time
tDHR
10
50
ns
Write Data Hold time
tDHW
0ns
Muxed Address valid to AS or ALE fall
tASL
15
ns
Muxed Address Hold time
tAHL
10
ns
Delay time DS, WR or RD to AS or
ALE rise
tASD
20
ns
Pulse Width AS or ALE high
PWASH
30
ns
Delay time, AS or ALE to DS, WR or
RD
tASED
10
ns
Output Data Delay time from DS or RD
tDDR
20
80
ns
Data Set Up time
tDSW
50
ns
See Figures 14-1 to 14-3 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com