Electronic Components Datasheet Search
  English  ▼

X  

DS2154 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 16Page - Dallas Semiconductor DS2154 Datasheet HTML 17Page - Dallas Semiconductor DS2154 Datasheet HTML 18Page - Dallas Semiconductor DS2154 Datasheet HTML 19Page - Dallas Semiconductor DS2154 Datasheet HTML 20Page - Dallas Semiconductor DS2154 Datasheet HTML 21Page - Dallas Semiconductor DS2154 Datasheet HTML 22Page - Dallas Semiconductor DS2154 Datasheet HTML 23Page - Dallas Semiconductor DS2154 Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
DS2154
20 of 87
2.0 PARALLEL PORT
The DS2154 is controlled via either a non-multiplexed (MUX=0) or a multiplexed (MUX=1) bus by an
external microcontroller or microprocessor. The DS2154 can operate with either Intel or Motorola bus
timing configurations. If the BTS pin is tied low, Intel timing will be selected; if tied high, Motorola
timing will be selected. All Motorola bus signals are listed in parenthesis (). See the timing diagrams in
the A.C. Electrical Characteristics in Section 14 for more details.
3.0 CONTROL, ID AND TEST REGISTERS
The operation of the DS2154 is configured via a set of nine control registers. Typically, the control
registers are only accessed when the system is first powered up. Once the DS2154 has been initialized,
the control registers will only need to be accessed when there is a change in the system configuration.
There are two Receive Control Registers (RCR1 and RCR2), two Transmit Control Registers (TCR1 and
TCR2), and five Common Control Registers (CCR1 to CCR5). Each of the nine registers is described in
this section.
There is a device IDentification Register (IDR) at address 0FH. The MSB of this read-only register is
fixed to a 1, indicating that the DS2154 is present. The pin-for-pin compatible T1 version of the DS2154
also has an ID register at address 0FH and the user can read the MSB to determine which chip is present
since in the DS2154 the MSB will be set to a 1 and in the DS2152 it will be set to a 0. The lower 4 bits of
the IDR are used to display the die revision of the chip.
The Test Registers at addresses 15, 19, and AC hex are used by the factory in testing the DS2154. On
power-up, the Test Registers should be set to 00 hex in order for the DS2154 to operate properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com