Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 2 Page - Texas Instruments

  TLK111 Datasheet HTML 1Page - Texas Instruments TLK111 Datasheet HTML 2Page - Texas Instruments TLK111 Datasheet HTML 3Page - Texas Instruments TLK111 Datasheet HTML 4Page - Texas Instruments TLK111 Datasheet HTML 5Page - Texas Instruments TLK111 Datasheet HTML 6Page - Texas Instruments TLK111 Datasheet HTML 7Page - Texas Instruments TLK111 Datasheet HTML 8Page - Texas Instruments TLK111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
MII Option
RMII Option
MII/RMII Interface
100BASE-T/FX
100BASE-T/FX
TLK111
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
The TLK111 is a single-port Ethernet PHY for 10Base-T and 100Base TX signaling. This device integrates
all the physical-layer functions needed to transmit and receive data on standard twisted-pair cables.
Additionally, the TLK111 supports 100Base-FX signaling via an external optical transceiver. The TLK111
supports the standard Media Independent Interface (MII) and Reduced Media Independent Interface
(RMII) for direct connection to a Media Access Controller (MAC).
The TLK111 is designed for power-supply flexibility, and can operate with a single 3.3V power supply or
with combinations of 3.3V and 1.55V power supplies for reduced power operation.
The TLK111 uses mixed-signal processing to perform equalization, data recovery, and error correction to
achieve robust operation over CAT 5 twisted-pair wiring. This device not only meets the requirements of
IEEE 802.3, but maintains high margins in terms of cross-talk and alien noise.
The TLK111 Ethernet PHY has a special Power Back Off mode to conserve power in systems with
relatively short cables. This mode provides the flexibility to reduce system power when the system is not
required to drive the standard IEEE 802.3 100m cable length, or the extended 150m, error-free cable
reach of the TLK111. For more detail, see application note SLLA328.
Figure 1-1. TLK111 Functional Block Diagram
2
Introduction
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com