Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 37Page - Texas Instruments TLK111 Datasheet HTML 38Page - Texas Instruments TLK111 Datasheet HTML 39Page - Texas Instruments TLK111 Datasheet HTML 40Page - Texas Instruments TLK111 Datasheet HTML 41Page - Texas Instruments TLK111 Datasheet HTML 42Page - Texas Instruments TLK111 Datasheet HTML 43Page - Texas Instruments TLK111 Datasheet HTML 44Page - Texas Instruments TLK111 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
RD–
RD–
RD+
RD+
49.9 W
49.9 W
Vdd
Vdd
0.1 F
m
TD–
TD–
TD+
TD+
49.9 W
49.9 W
Vdd
0.1 F
m
1:1
1:1
T1
RJ45
Place resistors and capacitors close to the device.
Common-mode chokes
may be required.
Note: Center tap is connected to Vdd
* Place capacitors close to the
transformer center taps
All values are typical and are 1%
±
0.1 F*
m
1 F
m
1 F
m
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
7
Design Guidelines
7.1
TPI Network Circuit
Figure 7-1 shows the recommended circuit for a 10/100Mbs twisted pair interface. Below is a partial
list of recommended transformers. Variations with PCB and component characteristics require that
the application be tested to verify that the circuit meets the requirements of the intended application.
•
Pulse H1102
•
Pulse HX1198
Figure 7-1. 10/100Mbs Twisted Pair Interface
7.2
Clock In (XI) Requirements
The TLK111 supports an external CMOS-level oscillator source or an internal oscillator with an external
crystal.
7.2.1
Oscillator
If an external clock source is used, XI should be tied to the clock source and XO should be left floating.
The amplitude of the oscillator should be a nominal voltage of 3.3V.
Copyright © 2013–2014, Texas Instruments Incorporated
Design Guidelines
41
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com