Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 67Page - Texas Instruments TLK111 Datasheet HTML 68Page - Texas Instruments TLK111 Datasheet HTML 69Page - Texas Instruments TLK111 Datasheet HTML 70Page - Texas Instruments TLK111 Datasheet HTML 71Page - Texas Instruments TLK111 Datasheet HTML 72Page - Texas Instruments TLK111 Datasheet HTML 73Page - Texas Instruments TLK111 Datasheet HTML 74Page - Texas Instruments TLK111 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
8.1.22 RMII Control and Status Register (RCSR)
This register configures the RMII Mode of operation. When RMII mode is disabled, the RMII functionality is
bypassed.
Table 8-26. RMII Control and Status Register (RCSR), address 0x0017
BIT
NAME
DEFAULT
DESCRIPTION
15:6
RESERVED
0000 0000 00, RO
RESERVED: Writes ignored, read as 0.
5
RMII Mode
0, RW, Pin_Strap
RMII Mode Enable: RMII Mode is operational if device powered up in RMII mode
(pin_strap) and 50Mhz clock present. Please note, that in order to switch from RMII to MII
and vise versa, the PHY must initialize after power up in RMII mode (Strap is '1' and
REF_CLK is 50MHz). If the PHY initializes in MII mode, this bit has no effect.
1 = Enable RMII (Reduced MII) mode of operation
0 = Enable MII mode of operation
4
RMII Revision
0, RW
RMII Revision Select:
Select
1 = (RMII revision 1.0) CRS_DV will remain asserted until final data is transferred.
CRS_DV will not toggle at the end of a packet.
0 = (RMII revision 1.2) CRS_DV will toggle at the end of a packet to indicate de-
assertion of CRS.
3
RMII OVFL Status
0, COR
RX FIFO Over Flow Status:
1 = Normal
0 = Overflow detected
2
RMII OVFL Status
0, COR
RX FIFO Under Flow Status:
1 = Normal
0 = Underflow detected
1:0
ELAST_BUF
01, RW
Receive Elasticity Buffer Size:
This field controls the Receive Elasticity Buffer which allows for frequency variation
tolerance between the 50MHz RMII clock and the recovered data. The following values
indicate the tolerance in bits for a single packet. The minimum setting allows for standard
Ethernet frame sizes at ±50ppm accuracy for both RMII and Receive clocks. For greater
frequency tolerance the packet lengths may be scaled (for ±100ppm, divide the packet
lengths by 2).
00 = 14 bit tolerance (up to 16800 byte packets)
01 = 2 bit tolerance (up to 2400 byte packets)
10 = 6 bit tolerance (up to 7200 byte packets)
11 = 10 bit tolerance (up to 12000 byte packets)
Copyright © 2013–2014, Texas Instruments Incorporated
Register Block
71
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com