Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 3Page - Texas Instruments TLK111 Datasheet HTML 4Page - Texas Instruments TLK111 Datasheet HTML 5Page - Texas Instruments TLK111 Datasheet HTML 6Page - Texas Instruments TLK111 Datasheet HTML 7Page - Texas Instruments TLK111 Datasheet HTML 8Page - Texas Instruments TLK111 Datasheet HTML 9Page - Texas Instruments TLK111 Datasheet HTML 10Page - Texas Instruments TLK111 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
PIN
TYPE
DESCRIPTION
NAME
NO.
JTAG_TMS
10
I, PU
JTAG Test Mode Select: This pin has a weak internal pullup.
JTAG_TRST
11
I, PU
JTAG Reset: This pin is an active-low asynchronous test reset with a weak internal pullup.
2.8
Reset and Power Down
PIN
TYPE
DESCRIPTION
NAME
NO.
This pin is an active-low reset input that initializes or re-initializes all the internal registers of the
RESET
29
I, PU
TLK111. Asserting this pin low for at least 1µs will force a reset process to occur. All jumper
options are reinitialized as well.
Register access is required for this pin to be configured either as power down or as an interrupt.
The default function of this pin is power down.
When this pin is configured for a power down function, an active low signal on this pin places the
INT / PWDN
7
IO, OD, PU
device in power down mode.
When this pin is configured as an interrupt pin, then this pin is asserted low when an interrupt
condition occurs. The pin has an open-drain output with a weak internal pull-up. Some
applications may require an external pull-up resistor.
2.9
Power and Bias Connections
PIN
TYPE
DESCRIPTION
NAME
NO.
RBIAS
24
I
Bias Resistor Connection: Use a 4.87k
Ω 1% resistor connected from RBIAS to GND.
PFBOUT
23
O
Power Feedback Output: Place 10µf and 0.1
μF capacitors (ceramic preferred) close to PFBOUT.
In single-supply operation, connect this pin to PFBIN1 and PFBIN2 (pin 18 and pin 37). See Figure 3-1
for proper placement.
In multiple supply operation, this pin is not used.
Power Feedback Input: These pins are fed with power from PFBOUT (pin 23) in single supply
PFBIN1
18
operation.
I
In multiple supply operation, connect a 1.55V external power supply to these pins. Connect a small
PFBIN2
37
capacitor of 0.1µF close to each pin. To power down the internal linear regulator, write to register
0x00d0.
VDD_IO
32, 48
P
I/O 3.3V, 2.5V, or 1.8V Supply - For details, see Section 3.2.3
IOGND
35, 47
P
I/O ground
DGND
36
P
Digital ground
AVDD33
22
P
Analog 3.3V power supply
AGND
15, 19
P
Analog ground
RESERVED
20
I/O
RESERVED: This pin must be pulled-up through 2.2k
Ω resistor to AVDD33 supply.
2.10 Fiber Interface
(See Table 3-3 for LED Mode Selection)
PIN
TYPE
DESCRIPTION
NAME
NO.
When Fiber mode is enabled, this Pin becomes an input driven by the SD_IN signal from the optic
SD_IN
transceiver. This pins indicates to the FX state machines whether or not the signal was detected on
(LED_SPEED) /
27
S, I, PU
the optic transceiver. The TLK111 also supports other modes for FX mode that do not require this
AN_1
input (For further information see FIBCR2 (0x00FD) and FIBCR3 ( 0x0102) regsiters). This pin
supports Threshold levels of PECL signaling (3.3VDDIO levels; see Section 9.6).
Copyright © 2013–2014, Texas Instruments Incorporated
Pin Descriptions
7
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com