Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 8Page - Texas Instruments TLK111 Datasheet HTML 9Page - Texas Instruments TLK111 Datasheet HTML 10Page - Texas Instruments TLK111 Datasheet HTML 11Page - Texas Instruments TLK111 Datasheet HTML 12Page - Texas Instruments TLK111 Datasheet HTML 13Page - Texas Instruments TLK111 Datasheet HTML 14Page - Texas Instruments TLK111 Datasheet HTML 15Page - Texas Instruments TLK111 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
TLK111
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
3.3
IO Pins Hi-Z State During Reset
The following IO or output pins are in hi-Z state when RESET is active (Low).
Internal
Internal
Pin Name
Type
Pin Name
Type
PU/PD
PU/PD
TXD_3
IO
PD
RX_ER
IO
PU
TX_EN
IO
PD
COL
IO
PU
INT/PWDN
IO
PU
RXD_0
IO
PD
LED_ACT
IO
PU
RXD_1
IO
PD
LED_SPEED
IO
PU
RXD_2
IO
PD
LED_LINK
IO
PU
RXD_3
IO
PD
MDIO
IO
TX_CLK
O
RX_DV
IO
PD
CLK25MHz_OUT
O
CRS
IO
PU
RX_CLK
O
3.4
Auto-Negotiation
The TLK111 device auto-negotiates to operate in 10Base-T or 100Base-TX. With Auto-Negotiation
enabled, the TLK111 negotiates with the link partner to determine the speed and duplex mode. If the link
partner cannot Auto-Negotiate, the TLK111 device enters parallel-detect mode to determine the speed of
the link partner. Parallel-detect mode uses fixed half-duplex mode.
The TLK111 supports four different Ethernet protocols (10Mbs Half-Duplex, 10Mbs Full-Duplex, 100Mbs
Half-Duplex, and 100Mbs Full-Duplex). Auto-Negotiation selects the highest performance protocol based
on the advertised ability of the Link Partner. Control the Auto-Negotiation function within the TLK111 by:
1. Internal register access, or
2. Configuring the AN_EN, AN_1 and AN_0 pins
The state of the AN_EN, AN_0 and AN_1 pins determine whether the TLK111 is forced into a specific
mode, or if Auto-Negotiation advertises a specific ability (or set of abilities) as given in Table 3-1. These
pins allow configuration options to be selected without requiring internal register access. The state of
AN_EN, AN_0 and AN_1, upon power-up/reset, determines the state of bits [8:5] of the ANAR register
(0x04h).
Internal register access controls the Auto-Negotiation function, as defined by the IEEE 802.3u
specification. For further detail regarding Auto-Negotiation, see Clause 28 of the IEEE 802.3u
specification.
Table 3-1. Auto-Negotiation Modes
AN_EN
AN_1
AN_0
Forced Mode
0
0
0
10Base-T, Half-Duplex
0
0
1
10Base-T, Full-Duplex
0
1
0
100Base-TX, Half-Duplex
0
1
1
100Base-TX, Full-Duplex
AN_EN
AN_1
AN_0
Advertised Mode
1
0
0
10Base-T, Half or Full-Duplex
1
0
1
100Base-TX, Half or Full-Duplex
1
1
0
10Base-T, Half Duplex
100Base-TX, Half Duplex
1
1
1
10Base-T, Half or Full-Duplex
100Base-TX, Half or Full-Duplex
12
Hardware Configuration
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com