Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 9Page - Texas Instruments TLK111 Datasheet HTML 10Page - Texas Instruments TLK111 Datasheet HTML 11Page - Texas Instruments TLK111 Datasheet HTML 12Page - Texas Instruments TLK111 Datasheet HTML 13Page - Texas Instruments TLK111 Datasheet HTML 14Page - Texas Instruments TLK111 Datasheet HTML 15Page - Texas Instruments TLK111 Datasheet HTML 16Page - Texas Instruments TLK111 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
2.2 kW
VCC
PHYAD4 = 0
PHYAD3 = 0
PHYAD2 = 0
PHYAD1 = 1
PHYAD0 = 1
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
3.5
Auto-MDIX
The TLK111 device automatically determines whether or not it needs to cross over between pairs,
eliminating the requirement for an external crossover cable. If the TLK111 interoperates with a device that
implements MDI/MDIX crossover, a random algorithm as described in IEEE 802.3 determines which
device performs the crossover.
Auto-MDIX is enabled by default and can be configured via pin strap, SW Strap register SWSCR1
(0x09h), bit 14 or via register PHYCR (0x19h), bit 15.
The crossover can be manually forced through bit 14 of the PHYCR (0x19h) register. Neither Auto-
Negotiation nor Auto-MDIX is required to be enabled in forcing crossover of the MDI pairs.
Auto-MDIX can be used in the forced 100Base-TX mode. Because in modern networks all the nodes are
100Base-TX, having the Auto-MDIX working in the forced 100Base-TX mode resolves the link faster
without the need for the long Auto-Negotiation period.
3.6
PHY Address
The 5 PHY address inputs pins are shared with the RXD[3:0] pins and COL pin as shown in Table 3-2.
Table 3-2. PHY Address Mapping
PIN Number
PHYAD FUNCTION
RXD FUNCTION
42
PHYAD0
COL
43
PHYAD1
RXD_0
44
PHYAD2
RXD_1
45
PHYAD3
RXD_2
46
PHYAD4
RXD_3
Each TLK111 or port sharing an MDIO bus in a system must have a unique physical address. With 5
address input pins, the TLK111 can support PHY Address values 0 (<00000>) through 31 (<11111>). The
address-pin states are latched into an internal register at device power-up and hardware reset. Because
all the PHYAD[4:0] pins have weak internal pull-down/up resistors, the default setting for the PHY address
is 00001 (0x01h).
See Figure 3-3 for an example of a PHYAD connection to external components. In this example, the
PHYAD configuration results in address 00011 (0x03h).
Figure 3-3. PHYAD Configuration Example
Copyright © 2013–2014, Texas Instruments Incorporated
Hardware Configuration
13
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com