Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 2Page - Texas Instruments TLK111 Datasheet HTML 3Page - Texas Instruments TLK111 Datasheet HTML 4Page - Texas Instruments TLK111 Datasheet HTML 5Page - Texas Instruments TLK111 Datasheet HTML 6Page - Texas Instruments TLK111 Datasheet HTML 7Page - Texas Instruments TLK111 Datasheet HTML 8Page - Texas Instruments TLK111 Datasheet HTML 9Page - Texas Instruments TLK111 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
TLK111
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
2.4
10Mbs and 100Mbs PMD Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
Differential common driver transmit output (PMD Output Pair): These differential outputs are
automatically configured to either 10Base-T or 100Base-TX signaling.
TD–, TD+
16, 17
I/O
In Auto-MDIX mode of operation, this pair can be used as the Receive Input pair. These pins require 3.3V
bias for operation.
Differential receive input (PMD Input Pair): These differential inputs are automatically configured to
accept either 100Base-TX or 10Base-T signaling.
RD–, RD+
13, 14
I/O
In Auto-MDIX mode of operation, this pair can be used as the Transmit Output pair. These pins require
3.3V bias for operation.
2.5
Clock Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
CRYSTAL/OSCILLATOR INPUT:
MII reference clock: Reference clock. 25MHz ±50ppm-tolerance crystal reference or oscillator input. The
device supports either an external crystal resonator connected across pins XI and XO, or an external
XI
34
I
CMOS-level oscillator source connected to pin XI only.
RMII reference clock: Primary clock reference input for the RMII mode. The input must be connected to a
50MHz ±50ppm-tolerance CMOS-level oscillator source.
CRYSTAL OUTPUT: Reference Clock output. XO pin is used for crystal only. This pin should be left floating
XO
33
O
when an oscillator input is connected to XI.
CLOCK OUTPUT: In MII mode, this pin provides a 25 MHz clock output to the system. In RMII mode, this
CLKOUT
25
O
pin provides a 50MHz clock output. This feature allows other devices to use the reference clock from the
TLK111 without requiring additional clock sources.
2.6
LED Interface
(See Table 3-3 for LED Mode Selection)
PIN
TYPE
DESCRIPTION
NAME
NO.
LED Pin to indicate status
Mode 1
LINK Indication LED: Indicates the status of the link. When the link is good, the LED
LED_LINK /
is ON.
28
S, O, PU
AN_0
Mode 2 and
ACT indication LED: Indicates transmit and receive activity in addition to the status
Mode 3
of the Link. The LED is ON when Link is good. The LED blinks when the transmitter
or receiver is active.
LED_SPEED /
LED Pin to indicate the speed of the link. SPEED Indication LED indicates whether the link is
27
S, O, PU
SD_IN / AN_1
100Mb/s or 10Mb/s. The LED is ON when the link speed is 100Mbs and OFF when it is 10Mbs.
LED Pin to indicate status.
Mode 1
ACT indication LED: Indicates if there is any activity on the link. The LED is ON
LED_ACT /
(pulse) when activity is present on either Transmit or Receive channel.
26
S, O, PU
AN_EN
Mode 2
COL indication LED: Indicates collision detection.
Mode 3
may be programmed to DUPLEX Indication LED and indicates Full-duplex status.
2.7
JTAG Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
JTAG_TCK
8
I, PU
JTAG Test Clock: This pin has a weak internal pullup.
JTAG_TDI
12
I, PU
JTAG Test Data Input: This pin has a weak internal pullup.
JTAG_TDO
9
O
JTAG Test Data Output
6
Pin Descriptions
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com