Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 92Page - Texas Instruments TLK111 Datasheet HTML 93Page - Texas Instruments TLK111 Datasheet HTML 94Page - Texas Instruments TLK111 Datasheet HTML 95Page - Texas Instruments TLK111 Datasheet HTML 96Page - Texas Instruments TLK111 Datasheet HTML 97Page - Texas Instruments TLK111 Datasheet HTML 98Page - Texas Instruments TLK111 Datasheet HTML 99Page - Texas Instruments TLK111 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
1
0
1
IDLE
PMDInputPair
RX_CLK
CRS
t
1
1 SFD Bit Decoded
st
1
0
1
0
1
0
1
0
1
0
1
1
TPRD
CRS
RX_CLK
RX_DV
RXD[3:0]
0000
Preamble
SFD
Data
t
1
t
2
t
3
TLK111
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
9.9.15 10Base-T Receive Timing (Start of Packet)
Table 9-15. 10Base-T Receive Timing (Start of Packet)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Carrier Sense Turn On Delay (PMD Input Pair to CRS)
550
1000
ns
t2
RX_DV Latency(1)
14
bits
Measurement shown from
t3
Receive Data Latency
14
bits
SFD
(1)
10Base-T RX_DV Latency is measured from first bit of decoded SFD on the wire to the assertion of RX_DV
Figure 9-15. 10Base-T Receive Timing (Start of Packet)
9.9.16 10Base-T Receive Timing (End of Packet)
Table 9-16. 10Base-T Receive Timing (End of Packet)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Carrier Sense Turn Off Delay
1.8
μs
Figure 9-16. 10Base-T Receive Timing (End of Packet)
96
Electrical Specifications
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com