Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 47Page - Texas Instruments TLK111 Datasheet HTML 48Page - Texas Instruments TLK111 Datasheet HTML 49Page - Texas Instruments TLK111 Datasheet HTML 50Page - Texas Instruments TLK111 Datasheet HTML 51Page - Texas Instruments TLK111 Datasheet HTML 52Page - Texas Instruments TLK111 Datasheet HTML 53Page - Texas Instruments TLK111 Datasheet HTML 54Page - Texas Instruments TLK111 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
Table 8-4. Basic Mode Control Register (BMCR), address 0x0000 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
11
IEEE Power
0, RW
Power Down:
Down
1 = Enables IEEE power down mode
0 = Normal operation
Setting this bit powers down the PHY. Only minimal register functionality is enabled during
the power down condition. To control the power down mechanism, this bit is ORed with the
input from the INT/PWDN pin. When the active low INT/PWDN is asserted, this bit is set.
10
Isolate
0, RW
Isolate:
1 = Isolates the Port from the MII with the exception of the serial management
0 = Normal operation
9
Restart Auto-
0, RW/SC
Restart Auto-Negotiation:
Negotiation
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation process. If Auto-
Negotiation is disabled (bit 12 = 0), this bit is ignored. This bit is self-clearing and will
return a value of 1 until Auto-Negotiation is initiated, whereupon it will self-clear.
Operation of the Auto-Negotiation process is not affected by the management entity
clearing this bit.
0 = Normal operation
Re-initiates the Auto-Negotiation process. If Auto-Negotiation is disabled (bit 12 = 0), this bit
is ignored. This bit is self-clearing and will return a value of 1 until Auto-Negotiation is
initiated, whereupon it self-clears. Operation of the Auto-Negotiation process is not affected
by the management entity clearing this bit.
8
Duplex Mode
1, Pin_Strap,
Duplex Mode:
SWSC_Strap,
When auto-negotiation is disabled writing to this bit allows the port Duplex capability to be
RW
selected.
1 = Full Duplex operation
led control
0 = Half Duplex operation
7
Collision Test
0, RW
Collision Test:
1 = Collision test enabled
0 = Normal operation
When set, this bit causes the COL signal to be asserted in response to the assertion of
TX_EN within 512 bit times. The COL signal is de-asserted within 4 bit times in response to
the de-assertion of TX_EN.
6:0
RESERVED
0, RO
RESERVED: Write ignored, read as 0.
Copyright © 2013–2014, Texas Instruments Incorporated
Register Block
51
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com