Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 7Page - Texas Instruments TLK111 Datasheet HTML 8Page - Texas Instruments TLK111 Datasheet HTML 9Page - Texas Instruments TLK111 Datasheet HTML 10Page - Texas Instruments TLK111 Datasheet HTML 11Page - Texas Instruments TLK111 Datasheet HTML 12Page - Texas Instruments TLK111 Datasheet HTML 13Page - Texas Instruments TLK111 Datasheet HTML 14Page - Texas Instruments TLK111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
Pin 13
(RD–)
RD–
Pin 14
(RD+)
RD+
49.9 W
3.3V
Supply
Pin 16
(TD–)
TD–
Pin 17
(TD+)
TD+
1:1
T1
RJ45
Pin 22
(AVDD33)
Pin 23
(PFBOUT)
Pin 18
(PFBIN1)
Pin 37
(PFBIN2)
3.3V
Supply
Pin 32
(VDD_IO)
Pin 48
(VDD_IO)
1.55V
1.55V
Supply
Supply
Floating
49.9 W
49.9 W
49.9 W
1:1
IO Supply
10 F
m
10nF
1nF
100pF
10 F
m
10nF
1nF
100pF
10 F
m
10 F
m
10nF
10nF
1nF
1nF
100pF
100pF
10 F
m
10nF
1nF
100pF
0.1 F*
m
1 F
m
1 F
m
0.1 F
m
0.1 F
m
3.3V
Supply
3.3V
Supply
1 F
m
1 F
m
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
3.2.2
Dual Supply Operation
When a 1.55V external power rail is available, the TLK111 can be configured as shown in Figure 3-2.
PFBOUT (pin 23) is left floating. The 1.55V external supply is connected to PFBIN1 (pin 18) and PFBIN2
(pin 37). Furthermore, to lower the power consumption, the internal regulator should be powered down by
writing ‘1’ to bit 15 of the VRCR register (0x00d0h).
Figure 3-2. Power Connections for Dual Supply Operation
When operating with dual supplies, follow these guidelines:
•
When powering up, ramp up the 3.3V supply before the 1.55V supply.
•
When powering down, turn off the 1.55V supply before turning off the 3.3V supply.
•
Use the external RESET pin after power up to reset the PHY.
•
To use the internal power-on reset, PFBIN1 and PFBIN2 must be operational less than 100ms after
3.3V rises to detect the internal RESET.
3.2.3
Variable IO Voltage
The TLK111 digital IO pins can operate with a variable supply voltage. While the primary applications will
use 3.3V, VDD_IO can also operate on 2.5V, and for MII mode only, VDD_IO of 1.8V can be used as well.
For more details, see Section 9.5.
Copyright © 2013–2014, Texas Instruments Incorporated
Hardware Configuration
11
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com